전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBXHBA017 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 NBXHBA017
상세설명  3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXHBA017 데이터시트(HTML) 7 Page - ON Semiconductor

  NBXHBA017 Datasheet HTML 1Page - ON Semiconductor NBXHBA017 Datasheet HTML 2Page - ON Semiconductor NBXHBA017 Datasheet HTML 3Page - ON Semiconductor NBXHBA017 Datasheet HTML 4Page - ON Semiconductor NBXHBA017 Datasheet HTML 5Page - ON Semiconductor NBXHBA017 Datasheet HTML 6Page - ON Semiconductor NBXHBA017 Datasheet HTML 7Page - ON Semiconductor NBXHBA017 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NBXDBB017, NBXDBA017, NBXHBA017, NBXSBA017
http://onsemi.com
7
ORDERING INFORMATION
Device Order Number
Package Type
Shipping
NBXDBB017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXSBA017LN1TAG
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXHBA017LN1TAG*
CLCC−6
(Pb−Free)
1000 / Tape & Reel
NBXDBB017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXDBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXSBA017LNHTAG
CLCC−6
(Pb−Free)
100 / Tape & Reel
NBXHBA017LNHTAG*
CLCC−6
(Pb−Free)
100 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Please contact sales office for availability


유사한 부품 번호 - NBXHBA017

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXHBA017 ONSEMI-NBXHBA017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
NBXHBA017LN1TAG ONSEMI-NBXHBA017LN1TAG Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
NBXHBA017LNHTAG ONSEMI-NBXHBA017LNHTAG Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com