전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBXDBA018LN1TAG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 NBXDBA018LN1TAG
상세설명  3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDBA018LN1TAG 데이터시트(HTML) 1 Page - ON Semiconductor

  NBXDBA018LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 6Page - ON Semiconductor NBXDBA018LN1TAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 3
1
Publication Order Number:
NBXDBB018/D
NBXDBB018, NBXDBA018
3.3 V, 155.52 MHz /
311.04MHz LVPECL Clock
Oscillator
The NBXDBB018 dual frequency crystal oscillator (XO) is
designed to meet today’s requirements for 3.3 V LVPECL clock
generation applications. The device uses a high Q fundamental crystal
and Phase Lock Loop (PLL) multiplier to provide selectable 155.52
MHz or 311.04 MHz, ultra low jitter and phase noise LVPECL
differential output.
This device is a member of ON Semiconductor’s PureEdge
t clock
family that provides accurate and precision clock solutions.
Available in 5 mm x 7 mm SMD (CLCC) package on 16 mm tape
and reel in quantities of 1000. Frequency stability options available as
either 50 PPM NBXDBA018 (Industrial Temperature Range) or
20 PPM NBXDBB018 (Commercial Temperature Range).
Features
LVPECL Differential Output
Uses High Q Fundamental Mode Crystal and PLL Multiplier
Ultra Low Jitter and Phase Noise − 0.4 ps (12 kHz − 20 MHz)
Selectable Output Frequency − 155.52 MHz (default) / 311.04 MHz
Hermetically Sealed Ceramic SMD Package
RoHS Compliant
Operating Range 3.3 V ±10%
Total Frequency Stability − ±20 PPM or ±50 PPM
This is a Pb−Free Device
Applications
Networking
SONET
SDH
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
Crystal
GND
FSEL
OE
CLK CLK
VDD
65
4
12
3
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NBXDBB018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
MARKING DIAGRAM
NBXDBA018 = NBXDBA018 (±50 PPM)
NBXDBB018 = NBXDBB018 (±20 PPM)
155.52/311.04 = Output Frequency (MHz)
AA
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
6 PIN CLCC
LN SUFFIX
CASE 848AB
NBXDBB018
155.52/311.04
AAWLYYWWG
NBXDBA018LN1TAG
CLCC−6
(Pb−Free)
1000/
Tape & Reel
NBXDBA018
155.52/311.04
AAWLYYWWG
NBXDBB018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel
NBXDBA018LNHTAG CLCC−6
(Pb−Free)
100/
Tape & Reel


유사한 부품 번호 - NBXDBA018LN1TAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBXDBA018LN1TAG ONSEMI-NBXDBA018LN1TAG Datasheet
128Kb / 7P
   Clock Oscillator
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com