전자부품 데이터시트 검색엔진 |
|
NBXDPA018_0910 데이터시트(PDF) 2 Page - ON Semiconductor |
|
NBXDPA018_0910 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 7 page NBXDPA018 http://onsemi.com 2 FSEL OE GND CLK VDD CLK 1 2 3 6 5 4 Figure 2. Pin Connections (Top View) Table 1. PIN DESCRIPTION Pin No. Symbol I/O Description 1 OE LVTTL/LVCMOS Control Input Output Enable Pin. When left floating pin defaults to logic HIGH and output is active. See OE pin description Table 2. 2 FSEL LVTTL/LVCMOS Control Input Output Frequency Select Pin. Pin will default to logic HIGH when left open. See Output Frequency Select pin description Table 3. 3 GND Power Supply Ground 0 V 4 CLK LVDS Output Non−Inverted Clock Output. Typically loaded with 100 W receiver termination resistor across differential pair. 5 CLK LVDS Output Inverted Clock Output. Typically loaded with 100 W receiver termination resistor across differential pair. 6 VDD Power Supply Positive power supply voltage. Voltage should not exceed 2.5 V ±5% or 3.3 V ±10%. Table 2. OUTPUT ENABLE TRI−STATE FUNCTION OE Pin Output Pins Open Active HIGH Level Active LOW Level High Z Table 3. OUTPUT FREQUENCY SELECT FSEL Pin Output Frequency (MHz) Open (pin will float high) 155.52 HIGH Level 155.52 LOW Level 311.04 Table 4. ATTRIBUTES Characteristic Value Input Default State Resistor 170 kW ESD Protection Human Body Model Machine Model 2 kV 200 V Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test 1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D. Table 5. MAXIMUM RATINGS Symbol Parameter Condition 1 Condition 2 Rating Units VDD Positive Power Supply GND = 0 V 4.6 V Iout LVDS Output Current Continuous Surge 25 50 mA TA Operating Temperature Range −40 to +85 °C Tstg Storage Temperature Range −55 to +120 °C Tsol Wave Solder See Figure 6 260 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
유사한 부품 번호 - NBXDPA018_0910 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |