전자부품 데이터시트 검색엔진 |
|
SB15100 데이터시트(PDF) 2 Page - Micro Commercial Components |
|
SB15100 데이터시트(HTML) 2 Page - Micro Commercial Components |
2 / 3 page SB1520~SB15100 MCC www.mccsemi.com Revision: A 2011/01/01 TM Micro Commercial Components 2 of 3 FIG.1-TYPICAL FORWARD CHARACTERISTICS FIG.2-TYPICAL FORWARD CURRENT DERANTING CURVE 50 5 10 15.0 3.0 1.0 -0.1A 9.0 5.0 1 0.1 0 20 40 60 80 100 120 140 160 180 200 AMBIENT TEMPERATURE, C .01 .1 .3 .5 .7 .9 1.1 1.3 1.5 FORWARD VOLTAGE,V FIG.3-MAXIMUM NON-REPETIEIVE FORWARD SURGE CURRENT 400 320 240 160 80 0 FIG.4-TYPICAL REVERSE CHARACTERISTICS 1 5 10 50 100 NUMBER OF CYCLES TA 60Hz 100 FIG.5-TYPICAL JUNCTION CAPACITANCE 10 1400 1200 1.0 1000 800 600 .1 100 400 NUMBER OF CYCLES AT 60Hz 200 .01 0 0 20 40 60 80 100 120 140 .01 .05 .1 .5 1 5 10 50 100 PERCENT OF RATED PEAK REVERSE VOLTAGE, % REVERSE VOLTAGE, V Tj=25 . C Pulse Width 300us 1% Duty Cycle Tj=25 . C Tj=75 . C Tj=25 . C 8.3msSingle Half Sine Wave JEDEC method SB1520-40 SB1550-60 SB1520-40 SB1550-15100 SB1520-40 SB1550-100 SB1580-100 ° 13.0 19.0 21.0 |
유사한 부품 번호 - SB15100 |
|
유사한 설명 - SB15100 |