전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM1LH-0503S-FZ 데이터시트(PDF) 1 Page - AIMTEC

부품명 AM1LH-0503S-FZ
상세설명  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIMTEC [AIMTEC]
홈페이지  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1LH-0503S-FZ 데이터시트(HTML) 1 Page - AIMTEC

  AM1LH-0503S-FZ Datasheet HTML 1Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 2Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 3Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 4Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 5Page - AIMTEC AM1LH-0503S-FZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM1LH-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 6
North America only
FEATURES:
Single & Dual Models
Operating Temperature -40oC to +85 oC
SMD Package
Input/Output Isolation of 1000 & 3000VDC
Low Ripple & Noise
Pin Compatible with multiple manufacturers
High Efficiency up to 83%
RoHS Compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM1LH-0503S-FZ
4.5-5.5
3.3
200
1000
77
AM1LH-0505S-FZ
4.5-5.5
5
200
1000
81
AM1LH-0509S-FZ
4.5-5.5
9
110
1000
78
AM1LH-0512S-FZ
4.5-5.5
12
84
1000
80
AM1LH-0515S-FZ
4.5-5.5
15
67
1000
81
AM1LH-1203S-FZ
10.8-13.2
3.3
200
1000
75
AM1LH-1205S-FZ
10.8-13.2
5
200
1000
81
AM1LH-1209S-FZ
10.8-13.2
9
110
1000
78
AM1LH-1212S-FZ
10.8-13.2
12
84
1000
81
AM1LH-1215S-FZ
10.8-13.2
15
67
1000
83
AM1LH-2403S-FZ
21.6-26.4
3.3
200
1000
67
AM1LH-2405S-FZ
21.6-26.4
5
200
1000
71
AM1LH-2409S-FZ
21.6-26.4
9
110
1000
73
AM1LH-2412S-FZ
21.6-26.4
12
84
1000
76
AM1LH-2415S-FZ
21.6-26.4
15
67
1000
77
AM1LH-0503SH30-FZ
4.5-5.5
3.3
200
3000
77
AM1LH-0505SH30-FZ
4.5-5.5
5
200
3000
81
AM1LH-0509SH30-FZ
4.5-5.5
9
110
3000
78
AM1LH-0512SH30-FZ
4.5-5.5
12
84
3000
80
AM1LH-0515SH30-FZ
4.5-5.5
15
67
3000
81
AM1LH-1203SH30-FZ
10.8-13.2
3.3
200
3000
75
AM1LH-1205SH30-FZ
10.8-13.2
5
200
3000
81
AM1LH-1209SH30-FZ
10.8-13.2
9
110
3000
78
AM1LH-1212SH30-FZ
10.8-13.2
12
84
3000
81
AM1LH-1215SH30-FZ
10.8-13.2
15
67
3000
83
AM1LH-2403SH30-FZ
21.6-26.4
3.3
200
3000
67
AM1LH-2405SH30-FZ
21.6-26.4
5
200
3000
71
AM1LH-2409SH30-FZ
21.6-26.4
9
110
3000
73
AM1LH-2412SH30-FZ
21.6-26.4
12
84
3000
76
AM1LH-2415SH30-FZ
21.6-26.4
15
67
3000
77
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM1LH-0505D-FZ
4.5-5.5
±5
±100
1000
71
AM1LH-0509D-FZ
4.5-5.5
±9
±56
1000
78
AM1LH-0512D-FZ
4.5-5.5
±12
±42
1000
78
AM1LH-0515D-FZ
4.5-5.5
±15
±34
1000
81
AM1LH-1205D-FZ
10.8-13.2
±5
±100
1000
73
AM1LH-1209D-FZ
10.8-13.2
±9
±56
1000
79
AM1LH-1212D-FZ
10.8-13.2
±12
±42
1000
81
AM1LH-1215D-FZ
10.8-13.2
±15
±34
1000
83
AM1LH-2403D-FZ
21.6-26.4
±3.3
±100
1000
66
AM1LH-2405D-FZ
21.6-26.4
±5
±100
1000
76
AM1LH-2409D-FZ
21.6-26.4
±9
±56
1000
78
AM1LH-2412D-FZ
21.6-26.4
±12
±42
1000
80


유사한 부품 번호 - AM1LH-0503S-FZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AM1L-0303D-N ETC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303D-N AIMTEC-AM1L-0303D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
List of Unclassifed Man...
AM1L-0303DH30-N ETC-AM1L-0303DH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

유사한 설명 - AM1LH-0503S-FZ

제조업체부품명데이터시트상세설명
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com