전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744851331 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744851331
상세설명  Toroidal Double Power Choke WE-DCT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744851331 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744851331 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744851331 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744851331 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität (je Wicklg.) /
inductance (each wdg.)
DC-Widerstand (je Wicklg.) /
DC-resistance (each wdg.)
DC-Widerstand (je Wicklg.) /
DC-resistance (each wdg.)
Nennstrom (je Wicklg.)
(1) /
rated Current (each wdg.)
(1)
Sättigungsstrom (je Wicklg.) /
saturation current (each wdg.)
Eigenres.-Frequenz /
self-res.-fequency
(1) Stromfluss durch beide Wicklungen verursacht ∆T /
both windings driven by rated current will occur ∆T
33%
Umgebungstemperatur / temperature:
+20°C
CZ
11-02-24
Name
Datum / date
A
fres
MHz
DT = 40 K
typ.
|ΔL/Lo|-30%
typ.
IR1,IR2
m
W
@ 20°C
m
W
max.
2,3
typ.
Isat
Ringkern-Doppeldrossel WE-DCT
Toroidal Double Power Choke WE-DCT
µH
RDC1,2 max
L1,L2
A Mechanische Abmessungen / dimensions:
100 kHz / 5mA
RDC1,2 typ
61,0
33,0
Kleber / glue:
UL94-HB
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - +85°C
14
744851331
Geprüft / checked
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2011-02-24
max.
Testbedingungen /
test conditions
70,0
+/-10%
Artikelnummer / part number :
Freigabe erteilt / general release:
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
GMC Metrahit 27I für/for RDC
Agilent E4991A für/for fres
not exceed 125°C under worst case operating conditions.
Würth Elektronik
..................................................................................
Kern / Core:
1S125 (WE-PERM)
D Prüfgeräte / test equipment:
@ 20°C
Kunde / customer
Luftfeuchtigkeit / humidity:
E Testbedingungen / test conditions:
It is recommended that the temperature of the part does
A
...............................................
............................................
Gehäuse / housing:
Draht / wire:
Class F
2,5
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
Betriebstemp. / operating temperature: -40°C - +125°C
Dostmann T900 für/for IR1; IR2
WAYNE KERR 3260B für/for L
; Isat
UL94 V-0
Type SH
Änderung / modification
Version 1
[mm]
2
1
3
L1
4
L2
Start
Finish
SEITE 1 VON 3


유사한 부품 번호 - 744851331

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744851330 WURTH-744851330 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
More results

유사한 설명 - 744851331

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744851102 WURTH-744851102 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851330 WURTH-744851330 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851101 WURTH-744851101 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
7448510091 WURTH-7448510091 Datasheet
217Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851016 WURTH-744851016 Datasheet
229Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851056 WURTH-744851056 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851100 WURTH-744851100 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851221 WURTH-744851221 Datasheet
216Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851471 WURTH-744851471 Datasheet
217Kb / 3P
   Toroidal Double Power Choke WE-DCT
744851470 WURTH-744851470 Datasheet
217Kb / 3P
   Toroidal Double Power Choke WE-DCT
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com