전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4935 데이터시트(PDF) 1 Page - Diotec Semiconductor

부품명 1N4935
상세설명  Fast Silicon Rectifier Diodes - Schnelle Silizium-Gleichrichterdioden
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N4935 데이터시트(HTML) 1 Page - Diotec Semiconductor

  1N4935 Datasheet HTML 1Page - Diotec Semiconductor 1N4935 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933 ... 1N4937
1N4933 ... 1N4937
Fast Silicon Rectifier Diodes – Schnelle Silizium-Gleichrichterdioden
Version 2009-10-16
Dimensions - Maße [mm]
Nominal current
Nennstrom
1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...600 V
Plastic case
Kunststoffgehäuse
DO-41
DO-204AL
Weight approx.
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
1N4933
50
50
1N4934
100
100
1N4935
200
200
1N4936
400
400
1N4937
600
600
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 75°C
IFAV
1 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30/33 A
Rating for fusing – Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 0.77±0.07
Ø 2.6
-0.1


유사한 부품 번호 - 1N4935

제조업체부품명데이터시트상세설명
logo
Semikron International
1N4935 SEMIKRON-1N4935 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Motorola, Inc
1N4935 MOTOROLA-1N4935 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4935 ETC2-1N4935 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
1N4935 JINANJINGHENG-1N4935 Datasheet
75Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Dc Components
1N4935 DCCOM-1N4935 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

유사한 설명 - 1N4935

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BY296 DIOTEC-BY296_10 Datasheet
91Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
BY396 DIOTEC-BY396_10 Datasheet
92Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
BA157 DIOTEC-BA157_09 Datasheet
93Kb / 2P
   Fast Silicon Rectifier Diodes ??Schnelle Silizium-Gleichrichterdioden
1N5391 DIOTEC-1N5391_09 Datasheet
95Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
P2500T DIOTEC-P2500T_13 Datasheet
105Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
1N5400 DIOTEC-1N5400_13 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes . Silizium-Gleichrichterdioden
P600A DIOTEC-P600A_11 Datasheet
97Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
PX1500A DIOTEC-PX1500A Datasheet
98Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
BYW27-50 DIOTEC-BYW27-50_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com