전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMXA-2202S 데이터시트(PDF) 2 Page - Sanken electric

부품명 FMXA-2202S
상세설명  Silicon Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXA-2202S 데이터시트(HTML) 2 Page - Sanken electric

  FMXA-2202S Datasheet HTML 1Page - Sanken electric FMXA-2202S Datasheet HTML 2Page - Sanken electric FMXA-2202S Datasheet HTML 3Page - Sanken electric FMXA-2202S Datasheet HTML 4Page - Sanken electric FMXA-2202S Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
FMXA-2202S
031106
2/5
61426-01
4. Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
20
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
100
10msec.
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
50
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40~+150
7
Storage Temperature
Tstg
°C
-40~+150
No.1,2,4&5 show ratings per one chip.
5. Electrical characteristics
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
1.20 max.
IF=10A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
mA
30 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr
ns
25 max.
IF=IRP=500mA
90% Recovery point, Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C /W
4.0 max.
Between Junction and case
No.1,2,3&4 show characteristics per one chip.


유사한 부품 번호 - FMXA-2202S

제조업체부품명데이터시트상세설명
logo
Sanken electric
FMXA-2202S SANKEN-FMXA-2202S Datasheet
154Kb / 5P
   Silicon Diode
More results

유사한 설명 - FMXA-2202S

제조업체부품명데이터시트상세설명
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com