전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-7510 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-7510
상세설명  New Pentagon Connection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-7510 데이터시트(HTML) 1 Page - Sanken electric

  SI-7510_11 Datasheet HTML 1Page - Sanken electric SI-7510_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
114
ICs
■Electrical Characteristics
3.75
–20
–20
–100
–20
–20
4
100
1
500
500
1
0.5
1.5
300
VCC1+9
8.5
7.5
1.5
2
25
10
1.25
20
20
20
20
20
1
1
1
mA
mA
V
V
µA
µA
µA
µA
V
µA
V
V
V
V
µA
V
V
V
V
V
KHz
µs
µs
µs
µs
µs
Parameter
Symbol
Ratings
Unit
Conditions
min.
typ.
max.
Main Supply Current
Logic Supply Current
Logic Input Voltage
Logic Input Current
ENA Input Current
REF Input Current
SENCE Voltage
SENCE Current
MO Output Voltage
RC Pin Threshold Voltage
RC Pin Outflow Current
Charge Pump Output Voltage
High Side Output Voltage
(between gate sources)
Low Side Output Voltage
Maximum CL Frequency
Maximum Input CL Width (on)
Power-on Reset time
Output Delay Time
CW/CCW, F/H
Input Data Setup Time
CW/CCW, F/H
Input Data Hold Time
VIL=0V
VIH=5.5V
VENA=0V
VREF=0 to 5.5V
VREF=1V
VSENCE=0V, 2V
IMOL=1mA
IMOH=–1mA
VRC=0V
Without Zener diode
Against CL ↑
Parameter
Symbol
Operating Ranges
Unit
Main Supply Voltage
VCC1
10 to 42*
V
Logic Supply Voltage
VCC23 to 5.5
V
REF Input Voltage
VREF
0.1 to 1
V
*: Insert a 5V Zener diode between VCC1 and VMC3 when using with VCC1 of 35 V or more.
ICC1
ICC2
VIL
VIH
IIL
IIH
IENA
IREF
VSENCE
ISENCE
VMOL
VMOH
VRCL
VRCH
IRC
VMC3
VHGSL
VHGSH
VLGL
VLGH
fck
TCON
PTW
TIO
TICS
TICH
■Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Main Supply Voltage
VCC144
V
Logic Supply Voltage
VCC27
V
Logic Input Voltage
VIN
–0.3 to VCC2V
REF Input Voltage
VREF
–0.3 to VCC2V
SENCE Input Voltage
VSENCE
2V
Except when tw<1µs
Charge Pump Output Voltage
VMC3
48
V
Power Dissipation
PD
1.6
W
Operating Ambient Temperature
Ta
–10 to 80
°C
Storage Temperature
Tstg
–20 to 150
°C
Junction Temperature
Tj
150
°C
1-2-3 5-Phase Stepper Motor Driver ICs
New Pentagon Connection
SI-7510
■Recommended Operating Ranges
(Ta=25°C, Vcc1=24V, VCC2=5V, unless otherwise specified)


유사한 부품 번호 - SI-7510_11

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7510 SANKEN-SI-7510 Datasheet
442Kb / 2P
   New Pentagon Connection
More results

유사한 설명 - SI-7510_11

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-7510 SANKEN-SI-7510 Datasheet
442Kb / 2P
   New Pentagon Connection
logo
TOKYO SEIMITSU CO., LTD
ACCTEE ACCRETECH-ACCTEE Datasheet
947Kb / 11P
   New Measurement Style with New Concept
logo
CUI INC
CUI-103E-10 CUI-CUI-103E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
   NEW RELEASE
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
   NEW RELEASE
logo
CUI INC
CUI-102E-10 CUI-CUI-102E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
Molex Electronics Ltd.
130112-0178 MOLEX11-130112-0178 Datasheet
31Kb / 1P
   Tube Guard Assembly Lawson / New AWSON / NEW
logo
Pericom Semiconductor C...
PT8A2514A PERICOM-PT8A2514A Datasheet
386Kb / 6P
   New Toaster Controller
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
SemiHow Co.,Ltd.
HRLP150N10K SEMIHOW-HRLP150N10K Datasheet
217Kb / 7P
   Originative New Design
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com