전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI-8000S 데이터시트(PDF) 1 Page - Sanken electric

부품명 SI-8000S
상세설명  Full-Mold, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANKEN [Sanken electric]
홈페이지  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000S 데이터시트(HTML) 1 Page - Sanken electric

  SI-8000S_11 Datasheet HTML 1Page - Sanken electric SI-8000S_11 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
ICs
1-1-3 DC/DC Converter ICs
■Lineup
Part Number
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
VO(V)
3.3
5.0
9.0
12.0
15.0
IO(A)
3.0
■Absolute Maximum Ratings
Unit
V
W
W
°C
°C
V
°C/W
Ratings
43*
18(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
+125
–40 to +125
–1
5.5
Symbol
VIN
PD1
PD2
Tj
Tstg
VSW
θj-c
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
SW Terminal Applied Reverse Voltage
Thermal Resistance(junction to case)
■Features
• Compact full-mold package (equivalent to
TO220)
• Output current: 3.0A
• High efficiency: 79 to 91%
• Requires only 4 discrete components
• Internally-adjusted phase correction and output
voltage
• Built-in reference oscillator (60kHz)
• Built-in overcurrent and thermal protection
circuits
• Built-in soft start circuit (Output ON/OFF
available)
■Applications
• Power supplies for telecommunication equip-
ment
• Onboard local power supplies
*35V for SI-8033S
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000S Series
■Recommended Operating Conditions
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Symbol
VIN
IO
Tjop
Unit
V
A
°C
Ratings
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
5.5 to 28
7 to 40
12 to 40
15 to 40
18 to 40
0 to 3.0
–30 to +125
■Electrical Characteristics
(Ta=25°C)
Unit
V
%
kHZ
mV
mV
mV/°C
A
Parameter
Output Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Temperature Coefficient of
Output Voltage
Overcurrent Protection
Starting Current
Symbol
VO
Conditions
η
Conditions
f
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
IS1
Conditions
*1: “S” may be printed to the right of the marking (except SI-8090S, SI-8120S, SI-8150S).
SI-8000S*1
SI-8000SS
Ratings
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
3.17
3.30
3.43
4.80
5.00
5.20
8.55
9.00
9.45
11.50
12.00
12.50
14.25
15.00
15.75
3.234
3.30
3.366
4.90
5.00
5.10
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
79
84
88
90
91
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
60
60
60
60
60
VIN=15V, IO=1.0A
VIN=20V, IO=1.0A
VIN=21V, IO=1.0A
VIN=24V, IO=1.0A
VIN=25V, IO=1.0A
25
80
40
100
50
120
60
130
60
130
VIN=8 to 28V, IO=1.0A
VIN=10 to 30V, IO=1.0A
VIN=15 to 30V, IO=1.0A
VIN=18 to 30V, IO=1.0A
VIN=21 to 30V, IO=1.0A
10
30
10
40
10
40
10
40
10
40
VIN=15V, IO=0.5 to 1.5A
VIN=20V, IO=0.5 to 1.5A
VIN=21V, IO=0.5 to 1.5A
VIN=24V, IO=0.5 to 1.5A
VIN=25V, IO=0.5 to 1.5A
±0.5
±0.5
±1.0
±1.0
±1.0
3.1
3.1
3.1
3.1
3.1
VIN=15V
VIN=20V
VIN=21V
VIN=24V
VIN=25V


유사한 부품 번호 - SI-8000S_11

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results

유사한 설명 - SI-8000S_11

제조업체부품명데이터시트상세설명
logo
Sanken electric
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050HFE SANKEN-SI-8050HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com