전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5K5 데이터시트(PDF) 9 Page - Sharp Corporation

부품명 SM5K5
상세설명  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K5 데이터시트(HTML) 9 Page - Sharp Corporation

Back Button SM5K5 Datasheet HTML 5Page - Sharp Corporation SM5K5 Datasheet HTML 6Page - Sharp Corporation SM5K5 Datasheet HTML 7Page - Sharp Corporation SM5K5 Datasheet HTML 8Page - Sharp Corporation SM5K5 Datasheet HTML 9Page - Sharp Corporation SM5K5 Datasheet HTML 10Page - Sharp Corporation SM5K5 Datasheet HTML 11Page - Sharp Corporation SM5K5 Datasheet HTML 12Page - Sharp Corporation SM5K5 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 9 -
NOTES :
1. Applicable pins : P12, P13, P20-P23, P30-P33 (digital input
mode), P40-P43, P50-P53
∗1
2. Applicable pins : OSCIN, RESET, P10, P11
3. Applicable pins : RESET, P10-P13, P20-P23, P40-P43,
P50-P53 (digital input mode)
∗1
4. Applicable pins : P30-P33 (analog input mode)
5. Applicable pins : P00-P03 (high current port)
6. Applicable pins : P20-P23, P40-P43, P50-P53 (output mode)
∗1
7. No load (A/D conversion in stop)
8. A/D conversion in operation (operation enable)
9. A/D conversion in stop (operation disable)
∗1 In case of 32-pin SOP and 36-pin QFP.
( In case of 30-pin SDIP, P52 dose not exist. In case of
28-pin SOP, P50-P53 do not exist.)
SYSTEM CONFIGURATION
A Register and X Register
The A register (or accumulator : ACC) is a 4-bit
general purpose register. The register is mainly
used in conjunction with the ALU, C flag and RAM
to transfer numerical value and data to perform
various operations. The A register is also used to
transfer data between input and output pins.
The X register (or auxiliary accumulator) is a 4-bit
register and can be used as a temporary register.
It loads contents of the A register or its content is
transferred to the A register. When the table
reference instruction PAT is used, the X and A
registers load ROM data. A pair of A and X
registers can accommodate 8-bit data.
Arithmetic and Logic Unit (ALU) and
Carry Signal Cy
The ALU performs 4-bit parallel operation
The ALU operates binary addition in conjunction
with RAM, C flag and A register. The carry signal
Cy is generated if a carry occurs during ALU
operation. Some instructions use Cy : ADC
instruction sets/clears the content of the C flag;
ADX instruction causes the program to skip the
next instruction. Note that Cy is the symbol for
carry signal and not for C flag.
3
3
0
0
A register
X register
EXAX instruction
Fig. 1
Data Transfer Example between
A Register and X Register
c
Areg
ALU
Result of operation
4-bit data
4-bit data
Fig. 2
ALU


유사한 부품 번호 - SM5K5

제조업체부품명데이터시트상세설명
logo
Shanghai Leiditech Elec...
SM5K58A LEIDITECH-SM5K58A Datasheet
521Kb / 4P
   Excellent clamping capability
SM5K58CC LEIDITECH-SM5K58CC Datasheet
501Kb / 4P
   Excellent clamping capability
More results

유사한 설명 - SM5K5

제조업체부품명데이터시트상세설명
logo
NEC
UPD7810 NEC-UPD7810 Datasheet
1Mb / 26P
   8 BIT SINGLE CHIP NMOS MICROCOMPUTERS WITH A/D CONVERTER
logo
Sharp Corporation
SM5K6 SHARP-SM5K6 Datasheet
281Kb / 9P
   4-Bit Single-Chip Microcomputer(Controller With 10-Bit A/D Converter)
SM5K4 SHARP-SM5K4 Datasheet
234Kb / 8P
   4-Bit Single-Chip Microcomputer(Controller with 10-Bit A/D Converter)
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com