전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS10M80CR 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STPS10M80CR
상세설명  Power Schottky rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10M80CR 데이터시트(HTML) 3 Page - STMicroelectronics

  STPS10M80CR Datasheet HTML 1Page - STMicroelectronics STPS10M80CR Datasheet HTML 2Page - STMicroelectronics STPS10M80CR Datasheet HTML 3Page - STMicroelectronics STPS10M80CR Datasheet HTML 4Page - STMicroelectronics STPS10M80CR Datasheet HTML 5Page - STMicroelectronics STPS10M80CR Datasheet HTML 6Page - STMicroelectronics STPS10M80CR Datasheet HTML 7Page - STMicroelectronics STPS10M80CR Datasheet HTML 8Page - STMicroelectronics STPS10M80CR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS10M80C
Characteristics
Doc ID 018734 Rev 1
3/11
To evaluate the conduction losses use the following equation:
P = 0.475 x IF(AV) + 0.023 x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
4
20
µA
Tj = 125 °C
-
3.5
15
mA
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 2.5 A
-
0.540
0.580
V
Tj = 125 °C
-
0.465
0.495
Tj = 25 °C
IF = 5 A
-
0.640
0.705
Tj = 125 °C
-
0.550
0.590
Tj = 25 °C
IF = 10 A
-
0.775
0.850
Tj = 125 °C
-
0.635
0.705
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %
Figure 2.
Average forward power dissipation
versus average forward current
(per diode)
Figure 3.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
0
1
2
3
4
5
0
1
2
3456
7
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
δ = t / T
p
t
p
I
(A)
F(AV)
P
(W)
F(AV)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
I
(A)
F(AV)
Rth(j-a) = Rth(j-c)
TO-220AB / I PAK / D PAK
22
TO-220FPAB
T
(°C)
amb
Figure 4.
Normalized avalanche power
derating versus pulse duration
Figure 5.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j


유사한 부품 번호 - STPS10M80CR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
   120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
   60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
More results

유사한 설명 - STPS10M80CR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com