전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1108BSF 데이터시트(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

부품명 LM1108BSF
상세설명  300mA CMOS L.D.O. Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1108BSF 데이터시트(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1108BSF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1108BSF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1108BSF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1108BSF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
300mA CMOS L.D.O. Regulator
LM1108
FEATURES
Extremely Low Supply Current(50µA,Typ.)
Very Low Dropout Voltage
300mA Output Current
Compatible with MLCC
High Output Voltage Accuracy +/- 1.4 %
Standardor Custom Output Voltages
Over Currentand Over Temperature Protection
Small input/output differential : 0.3V for full load
Moisture Sensitivity Level 3
APPLICATIONS
Battery Operated Systems
Portable Computers
Portable Cameras and Video Recorders
Medical Instruments
Instrumentation
ORDERING INFORMATION
Cellular/GSM/PHS Phones
Linear Post-Regulators for SMPS
Pagers
( "X.X" = Output Voltage
= 1.5, 1.8, 2.5, 3.0, 3.3, 3.6, 5.0 )
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Nov. 2010 - Rev. 1.3.1
HTC
-1 -
Package
SOT-89
SOT-23 5L
Marking
1108 X.X
HXX
BXX
HXX
HGXX
SOT-23 3L
Device
LM1108F-X.X
LM1108SF5-X.X
LM1108BSF-X.X (B type)
LM1108SF-X.X (A type)
LM1108GSF-X.X (H/F)
The LM1108 is a fixed output,high accuracy(typically ±0.5%) CMOS low drop-out regulator.
Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators).
LM1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full load),
and fast response to step changes in load.
The LM1108 in corporates both over temperature and over current protection.
The LM1108 is stable with an output capacitor of only1µF and has a maximum out put current of 300mA.
It is available in a SOT-23 & SOT-89 package
SOT-23-5L (SOT-25)
SOT-89
1. GND 2. Vin 3. Vout 4. NC 5. NC
SOT-23 ( 2.92*1.60*1.10 )
1. GND 2. Vin 3. Vout [A type]
1. Vin 2. Vout 3. GND [B type]
1. GND 2. Vin 3. Vout
1
3
2
1
2
3
4
5
1
2
3


유사한 부품 번호 - LM1108BSF

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM1108SF HTC-LM1108SF Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM1108SF5 HTC-LM1108SF5 Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
More results

유사한 설명 - LM1108BSF

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
   300mA C-MOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
   600mA CMOS L.D.O. Regulator
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com