전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM29151RS-2.5 데이터시트(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

부품명 LM29151RS-2.5
상세설명  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTC [HTC Korea TAEJIN Technology Co.]
홈페이지  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM29151RS-2.5 데이터시트(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM29151RS-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM29151RS-2.5 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM29150/29151/29152
Nov. 2009 - Rev. 1.2
- 6
-
HTC
ELECTRICAL CHARACTERISTICS
IOUT =100mA, TA=25℃, unless otherwise specified. Bold values are guaranteed across the operating temperature range.
Adjustable versions are programmed to 5.0V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IO = 10mA
-1
1
VOUT
Output Voltage
10mA≤IO≤ IFL,
(VOUT+1V)≤VIN≤26V
(Note 2)
-2
2
%
ΔVLINE
Line Regulation
IO = 10mA, (VOUT+1V)≤VIN≤26V
0.06
0.5
%
ΔVLOAD
Load Regulation
VIN=VOUT+5V,
10mA≤IOUT≤IFULLOAD
(Note 2,6)
0.2
1
%
ΔVo/ΔT
Output Voltage Temp.
Coefficient
Output Voltage
(Note 6),
Temp. Coefficient
20
100
ppm/℃
VDO
Dropout Voltage
ΔVOUT = -1%,
(Note 3)
IO =100mA
IO =750mA
IO =1.5A
80
220
350
200
600
mV
IGND
Ground Current
IO =750mA, VIN =VOUT+1V
IO =1.5A
8
22
20
mA
IGNDDO
Ground Pin Current at
Dropout
VIN =0.5V less than specified VOUT,
IOUT =10mA
2
mA
ILIMIT
Current Limit
LM29150, VOUT = 0V
(Note 4)
2.1
3.5
A
en
Output Noise Voltage
(10Hz to 100kHz)
IL = 100mA
CL =10μF
CL =33μF
400
260
μVRMS
Flag Output (Error Comparator) LM29151
IFLG (leak)
Output Leakage Current
VOH =26V
0.01
1.00
2.00
μA
VFLG (do)
Output Low Voltage
Device set for 5V. VIN =4.5V
IOL =250μA
220
300
400
mV
Upper Threshold Voltage
Device set for 5V
(Note 9)
40
25
60
mV
Lower Threshold Voltage
Device set for 5V
(Note 9)
75
95
140
mV
VFLG
Hysteresis
Device set for 5V
(Note 9)
15
mV


유사한 부품 번호 - LM29151RS-2.5

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM29151RS-2.5 HTC-LM29151RS-2.5 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29151RS-2.5 HTC-LM29151RS-2.5 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
More results

유사한 설명 - LM29151RS-2.5

제조업체부품명데이터시트상세설명
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com