전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL44-112 데이터시트(PDF) 1 Page - ice Components, Ins.

부품명 ISL44-112
상세설명  SMT Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICE [ice Components, Ins.]
홈페이지  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

ISL44-112 데이터시트(HTML) 1 Page - ice Components, Ins.

  ISL44-112 Datasheet HTML 1Page - ice Components, Ins. ISL44-112 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
• Low Profile SMT Design
• Self-leaded for Improved Reliability
• Current Rating up to 14A
• Freqency Range up to 1MHz
Applications
• DC/DC Converters
• Buck/Boost Converters
• Output Chokes
Electrical Specifications
Part
Inductance2
Inductance2
I
spec
DCR max
ET
Number
@ 0 Adc
@ Ispec
(μH, typ.)
(μH, typ.)
(μH, min.)
(A)
(mΩ)
(V-us)
ISL37-3R8
3.80
2.5
2.25
8.00
8.30
1.77
ISL37-7R5
7.50
5.1
4.59
5.40
17.70
2.51
ISL37-220
21.9
16.2
14.58
2.70
72
4.29
ISL37-730
73.0
58.1
52.29
1.30
290
7.83
ISL37-291
292
192
172.8
0.90
560
15.7
ISL37-671
672
383
344.7
0.72
862
23.5
ISH37-1R3
1.25
0.81
0.7
14.30
2.5
1.04
ISH37-2R1
2.10
1.32
1.2
11.50
4.0
1.33
ISH37-3R2
3.15
2.00
1.8
9.10
6.3
1.61
ISH37-4R4
4.40
2.78
2.5
8.10
7.9
1.91
ISL44-7R9
7.90
4.90
4.41
7.80
12.4
3.04
ISL44-140
14.0
9.00
8.1
5.50
28
4.06
ISL44-410
40.5
29.10
26.19
2.70
100
6.9
ISL44-112
1134
645.00
580.5
0.74
1250
36.5
1. Electrical specifications
at 25ºC.
2. Tested at 100kHz.
3. Operating temperature
range: -40ºC to +130ºC.
Operating temperature
is a combination of
ambient temperature plus
temperature rise.
4. Meets UL 94V-0.
5. Specifications shown are
for an inductor with a
55ºC temperature rise.
The core loss is 10% of
the copper loss when
operating at 500kHz.
6. Please remember it is
much easier to remove
heat from a copper-loss
dominated design than
from a core-loss domi-
nated design.
ISL & ISH Series
SMT Power Inductor
45
(03/08) ISL & ISH-1


유사한 부품 번호 - ISL44-112

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
ISL44-112 ICE-ISL44-112 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
More results

유사한 설명 - ISL44-112

제조업체부품명데이터시트상세설명
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com