전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1022 데이터시트(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SD1022
상세설명  Darlington Transistor(5A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1022 데이터시트(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1022 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Forward Bias SOA
0.1
1
10
100
2SD1022
250
µs
Tc = 25
°C
Single Pulse
150
µs
1ms
10ms
DC
8
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit


유사한 부품 번호 - 2SD1022

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SD1022 ISC-2SD1022 Datasheet
252Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

유사한 설명 - 2SD1022

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SD1023 SHINDENGEN-2SD1023 Datasheet
445Kb / 9P
   Darlington Transistor(5A NPN)
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com