전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1791 데이터시트(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SD1791
상세설명  Darlington Transistor(7A NPN)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1791 데이터시트(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1791 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SD1791 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0.1
1
10
0
1
2
3
4
5
6
7
2SD1791
IB1 = 0.001IC
IB2 = 0.001IC
VBB2 = 4V
VCC = 50V
Tc = 25
°C
ts
ton
tf
Switching Time - IC
Collector Current IC [A]


유사한 부품 번호 - 2SD1791

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SD1791 ISC-2SD1791 Datasheet
242Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

유사한 설명 - 2SD1791

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
   Darlington Transistor(7A NPN)
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
   Darlington Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
   Switching Power Transistor(7A NPN)
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
   NPN 7A 50V Power Transistor
logo
Shindengen Electric Mfg...
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
   Switching Power Transistor(7A NPN)
logo
Rohm
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
   NPN 7A 50V Power Transistor
20220315 - Rev.001
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com