전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1008D750HN 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 DAC1008D750HN
상세설명  Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750HN 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button DAC1008D750HN Datasheet HTML 7Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 8Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 9Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 10Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 11Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 12Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 13Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 14Page - NXP Semiconductors DAC1008D750HN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
DAC1008D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 5 January 2011
11 of 99
NXP Semiconductors
DAC1008D750
2
×, 4× or 8× interpolating DAC with JESD204A
[1]
D = guaranteed by design; C = guaranteed by characterization; I = 100 % industrially tested.
[2]
Delay between the deassertion of bits FORCE_RESET_FCLK and FORCE_RESET_DCLK and the deassertion of the sync signal. It
reflects the delay required by DAC1008D750 to lock to a JESD204A stream. It supposes that the TX is already transmitting
K28.5 characters in error-free conditions.
[3]
CLKINP/CLKINN inputs are at differential LVDS levels. An external termination resistor with a value of between 80
Ω and 120 Ω (see
Figure 15) should be connected across the pins.
[4]
|Vgpd| represents the ground potential difference voltage. This is the voltage that results from current flowing through the finite resistance
and the inductance between the receiver and the driver circuit ground voltage.
[5]
Vin_p and Vin_n inputs are differential CML inputs. They are terminated internally to Vtt via 50
Ω (see Figure 4).
[6]
SYNC_OUTP/SYNC_OUTN outputs are differential LVDS outputs. They must be terminated by a resistor with a value of between 80
Ω
and 120
Ω.
[7]
Optimum performances at high sampling rate (> 650 Msps) will be achieved with VDDA(1V8) =1.8 V
± 2%
[8]
IMD3 rejection with
−6 dBFS/tone.
ACPR
adjacent channel
power ratio
NCO on;
4× interpolation;
fs = 737.28 Msps; fo = 96
MHz
[7]
1 carrier; BW = 5 MHz
C
-
67
-
dBc
2 carriers; BW = 10 MHz
C
-
64
-
dBc
4 carriers; BW = 20 MHz
C
-
60
-
dBc
NCO on; 4
× interpolation;
fs = 737.28 Msps; fo = 153.6
MHz
[7]
1 carrier; BW = 5 MHz
C
-
67
-
dBc
2 carriers; BW = 10 MHz
C
-
64
-
dBc
4 carriers; BW = 20 MHz
C
-
59
-
dBc
NSD
noise spectral density
fs = 737.28 Msps;
4
× interpolation;
fo = 153.6 MHz at 0 dBFS
I
[7] -
−145
-
dBm/Hz
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.13 V to 3.47 V; AGND and GND are shorted together; Tamb =
40 °C to
+85
°C; typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) =20mA;
maximum sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


유사한 부품 번호 - DAC1008D750HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

유사한 설명 - DAC1008D750HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com