전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2184 데이터시트(PDF) 10 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SK2184
상세설명  VX-2 Series Power MOSFET(500V 5A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2184 데이터시트(HTML) 10 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK2184 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK2184 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
100
200
300
400
500
0
10
20
30
40
50
2SK2184
0
5
10
15
20
200V
Gate Charge Characteristics
ID = 5A
100V
VDD = 400V
VGS
VDS
Gate Charge Qg [nC]


유사한 부품 번호 - 2SK2184

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2184 ISC-2SK2184 Datasheet
399Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2184

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SK2183 SHINDENGEN-2SK2183 Datasheet
406Kb / 10P
   VX-2 Series Power MOSFET(500V 5A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2179 SHINDENGEN-2SK2179 Datasheet
271Kb / 6P
   VX-2 Series Power MOSFET(500V 3A)
2SK2181 SHINDENGEN-2SK2181 Datasheet
273Kb / 6P
   VX-2 Series Power MOSFET(500V 3A)
2SK2190 SHINDENGEN-2SK2190 Datasheet
384Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2191 SHINDENGEN-2SK2191 Datasheet
389Kb / 10P
   VX-2 Series Power MOSFET(500V 12A)
2SK2195 SHINDENGEN-2SK2195 Datasheet
393Kb / 10P
   VX-2 Series Power MOSFET(500V 15A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com