전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

743LP6CE 데이터시트(PDF) 7 Page - Hittite Microwave Corporation

부품명 743LP6CE
상세설명  0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

743LP6CE 데이터시트(HTML) 7 Page - Hittite Microwave Corporation

Back Button 743LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation 743LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
12 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC743LP6C / 743LP6CE
v04.0311
0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Relative Phase vs. Frequency
Step Error vs. Frequency (Worst Case)
Output P1dB vs. Temperature [1]
Psat vs. Temperature [1]
Output IP3 vs. Temperature [1]
Reverse Isolation
0.7 to 4.0 GHz Tuning
-10
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
63dB
31.5dB
16dB
8dB
-1
-0.5
0
0.5
1
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
15dB
62.5dB
47dB
31dB
31dB
31.5dB
-90
-80
-70
-60
-50
-40
-30
-20
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
4dB
0.5, 1, 2dB
63dB
4
9
14
19
24
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
4
9
14
19
24
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
10
15
20
25
30
35
40
0.5
1
1.5
2
2.5
3
3.5
4
+25 C
+85 C
-40 C
FREQUENCY (GHz)
[1] Max Gain State


유사한 부품 번호 - 743LP6CE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
743 ETC2-743 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
743 ETC2-743 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
743 ETC2-743 Datasheet
452Kb / 2P
   Phillips Bits
logo
Marl International Limi...
743-615-00-50 MARL-743-615-00-50 Datasheet
597Kb / 2P
   high intensity Step Light
logo
STMicroelectronics
7430 STMICROELECTRONICS-7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
More results

유사한 설명 - 743LP6CE

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com