전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2559 데이터시트(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SK2559
상세설명  VZ Series Power MOSFET(200V 10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2559 데이터시트(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2559 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2559 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Static Drain-Source On-state Resistance
0.01
0.1
1
-50
0
50
100
150
2SK2559
VGS = 10V
pulse test
TYP
ID = 5A
Case Temperature Tc [
°C]


유사한 부품 번호 - 2SK2559

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2559 ISC-2SK2559 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2559

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SK2560 SHINDENGEN-2SK2560 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(200V 20A)
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(180V 10A)
2SK2489 SHINDENGEN-2SK2489 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 10A)
logo
Rohm
RD3T100CN ROHM-RD3T100CN Datasheet
2Mb / 15P
   Nch 200V 10A Power MOSFET
logo
Shindengen Electric Mfg...
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 20A)
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(180V 20A)
logo
Mospec Semiconductor
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
   POWER TRANSISTORS(10A,200V,80W)
logo
Rohm
RDN100N20 ROHM-RDN100N20 Datasheet
62Kb / 4P
   Switching (200V, 10A)
logo
GOOD-ARK Electronics
FP5ZC2V2 GOOD-ARK-FP5ZC2V2_15 Datasheet
216Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:0.5W
F1N5913 GOOD-ARK-F1N5913_15 Datasheet
212Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com