전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2668 데이터시트(PDF) 9 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SK2668
상세설명  HVX-2 Series Power MOSFET(900V 3A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2668 데이터시트(HTML) 9 Page - Shindengen Electric Mfg.Co.Ltd

Back Button 2SK2668 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd 2SK2668 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Capacitance
1
10
100
1000
10000
0
20
40
60
80
100
2SK2668
0.005
f=1MHz
Ta=25
°C
TYP
Ciss
Coss
Crss
Drain-Source Voltage VDS [V]


유사한 부품 번호 - 2SK2668

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK2668 ISC-2SK2668 Datasheet
375Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK2668

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SK2665 SHINDENGEN-2SK2665 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2664 SHINDENGEN-2SK2664 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2667 SHINDENGEN-2SK2667 Datasheet
429Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2666 SHINDENGEN-2SK2666 Datasheet
444Kb / 12P
   HVX-2 Series Power MOSFET(900V 3A)
2SK2671 SHINDENGEN-2SK2671 Datasheet
444Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2673 SHINDENGEN-2SK2673 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2670 SHINDENGEN-2SK2670 Datasheet
439Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2675 SHINDENGEN-2SK2675 Datasheet
431Kb / 12P
   HVX-2 Series Power MOSFET(900V 7A)
2SK2669 SHINDENGEN-2SK2669 Datasheet
441Kb / 12P
   HVX-2 Series Power MOSFET(900V 5A)
2SK2677 SHINDENGEN-2SK2677 Datasheet
429Kb / 12P
   HVX-2 Series Power MOSFET(900V 10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com