전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1528 데이터시트(PDF) 10 Page - Gennum Corporation

부품명 GS1528
상세설명  HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1528 데이터시트(HTML) 10 Page - Gennum Corporation

Back Button GS1528 Datasheet HTML 5Page - Gennum Corporation GS1528 Datasheet HTML 6Page - Gennum Corporation GS1528 Datasheet HTML 7Page - Gennum Corporation GS1528 Datasheet HTML 8Page - Gennum Corporation GS1528 Datasheet HTML 9Page - Gennum Corporation GS1528 Datasheet HTML 10Page - Gennum Corporation GS1528 Datasheet HTML 11Page - Gennum Corporation GS1528 Datasheet HTML 12Page - Gennum Corporation GS1528 Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
GS1528 HD-LINX II Multi-Rate SDI Dual Slew-Rate
Cable Driver
Data Sheet
16632 - 9
August 2010
10 of 13
3.5 Output Amplitude Adjustment
The output amplitude of the GS1528 can be adjusted by changing the value of the RSET
resistor as shown in Figure 3-4 and Table 3-1. For an 800mVp-p output with a nominal
±7% tolerance, a value of 750Ω is required. A ±1% SMT resistor should be used.
Figure 3-4: Output Amplitude Adjustment
The RSET resistor is part of the high-speed output circuit of the GS1528. The resistor
should be placed as close as possible to the RSET pin. In addition, the PCB capacitance
should be minimized at this node by removing the PCB ground plane beneath the RSET
resistor and the RSET pin.
NOTE: For reliable operation of the GS1528 over the full temperature range, do not use
an RSET value below 573Ω.
Table 3-1: RSET vs. VOD
RSET Resistance (Ω)
Output Swing
995
608
824
734
750
800
600
884
573
1040
1100
1000
900
800
700
700
800
900
1000
R
SET R (W)
600
600
500


유사한 부품 번호 - GS1528

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKA GENNUM-GS1528-CKA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CKAE3 GENNUM-GS1528-CKAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTA GENNUM-GS1528-CTA Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528-CTAE3 GENNUM-GS1528-CTAE3 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
More results

유사한 설명 - GS1528

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com