전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9068A 데이터시트(PDF) 10 Page - Gennum Corporation

부품명 GS9068A
상세설명  HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068A 데이터시트(HTML) 10 Page - Gennum Corporation

Back Button GS9068A Datasheet HTML 6Page - Gennum Corporation GS9068A Datasheet HTML 7Page - Gennum Corporation GS9068A Datasheet HTML 8Page - Gennum Corporation GS9068A Datasheet HTML 9Page - Gennum Corporation GS9068A Datasheet HTML 10Page - Gennum Corporation GS9068A Datasheet HTML 11Page - Gennum Corporation GS9068A Datasheet HTML 12Page - Gennum Corporation GS9068A Datasheet HTML 13Page - Gennum Corporation GS9068A Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
GS1528A/GS9068A HD-LINX® II Multi-Rate Dual
Slew-Rate Cable Driver
Data Sheet
30953 - 6
August 2010
10 of 18
Proprietary & Confidential
5. Detailed Description
5.1 Input Interfacing
SDI/SDI are high impedance differential inputs. The equivalent input circuit is shown in
Figure 4-1.
Several conditions must be observed when interfacing to these inputs:
• The differential input signal amplitude must be between 300 and 2000mVp-p.
• The common mode voltage range must be as specified in Table 2.2.
• For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS1528A/9068A inputs are self-biased, allowing for simple AC coupling to the
device. For serial digital video, a minimum capacitor value of 4.7μF should be used to
allow coupling of pathological test signals. A tantalum capacitor is recommended.
SD/HD Input Pin (GS1528A only):
The GS1528A SDO rise and fall times can be set to comply with both SMPTE 259M/344M
and SMPTE 292M. For all SMPTE 259M standards, or any data rate that requires longer
rise and fall time characteristics, the SD/HD pin must be set HIGH by the application
layer. For SMPTE 292M standards and signals which require faster rise and fall times,
this pin should be set LOW.
5.2 Output Interfacing
The GS1528A/9068A outputs are current mode, and will drive 800mV into a 75Ω load.
These outputs are protected from accidental static damage with internal static
protection diodes.
The SMPTE 292M, SMPTE 344M and SMPTE 259M standards require that the output of a
cable driver have a source impedance of 75Ω and a return loss of at least 15dB between
5MHz and 1.485GHz.
In order for an SDI output circuit using the GS1528A/9068A to meet this specification,
the output application circuit shown in Typical Application Circuits on page 14 is
recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of 5.6nH.
A 4.7μF capacitor is used for AC-coupling the output of the device. This value is chosen
to ensure that pathological signals can be coupled without a significant DC component
occurring. Please see Application Information on page 14 for more details.


유사한 부품 번호 - GS9068A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9068A GENNUM-GS9068A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACKAE3 GENNUM-GS9068ACKAE3 Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

유사한 설명 - GS9068A

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com