전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1531-CBE2 데이터시트(PDF) 11 Page - Gennum Corporation

부품명 GS1531-CBE2
상세설명  Multi-Rate Serializer with ClockCleaner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531-CBE2 데이터시트(HTML) 11 Page - Gennum Corporation

Back Button GS1531-CBE2 Datasheet HTML 7Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 8Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 9Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 10Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 11Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 12Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 13Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 14Page - Gennum Corporation GS1531-CBE2 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
GS1531 Data Sheet
30573 - 7
February 2008
11 of 50
H6
SDOUT_TDO
Synchronous
with
SCLK_TCK
Output
CONTROL SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Output / Test Data Output
Host Mode (JTAG/HOST = LOW)
SDOUT_TDO operates as the host interface serial output, SDOUT, used
to read status and configuration information from the internal registers of
the device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDOUT_TDO operates as the JTAG test data output, TDO.
H8
H
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to indicate the portion of the video line containing active video data
when DETECT_TRS is set LOW. The device will set the H bit in all
outgoing TRS signals for the entire period that the H input signal is HIGH
(IOPROC_EN/DIS must also be HIGH).
H signal timing is configurable via the H_CONFIG bit of the
IOPROC_DISABLE register, accessible via the host interface.
Active Line Blanking (H_CONFIG = 0h)
The H signal should be set HIGH for the entire horizontal blanking period,
including the EAV and SAV TRS words, and LOW otherwise. This is the
default setting.
TRS Based Blanking (H_CONFIG = 1h)
The H signal should be set HIGH for the entire horizontal blanking period
as indicated by the H bit in the received TRS ID words, and LOW
otherwise.
J5
SDO_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
J6
SDIN_TDI
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data In / Test Data Input
Host Mode (JTAG/HOST = LOW)
SDIN_TDI operates as the host interface serial input, SDIN, used to write
address and configuration information to the internal registers of the
device.
JTAG Test Mode (JTAG/HOST = HIGH)
SDIN_TDI operates as the JTAG test data input, TDI.
NOTE: If the host interface is not being used, tie this pin HIGH.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


유사한 부품 번호 - GS1531-CBE2

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
More results

유사한 설명 - GS1531-CBE2

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS4915 GENNUM-GS4915_09 Datasheet
741Kb / 27P
   ClockCleaner
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com