전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2974ACTE3 데이터시트(PDF) 7 Page - Gennum Corporation

부품명 GS2974ACTE3
상세설명  HD-LINX III Adaptive Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2974ACTE3 데이터시트(HTML) 7 Page - Gennum Corporation

Back Button GS2974ACTE3 Datasheet HTML 3Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 4Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 5Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 6Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 7Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 8Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 9Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 10Page - Gennum Corporation GS2974ACTE3 Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
GS2974A HD-LINX™ III Adaptive Cable Equalizer
Data Sheet
42216 - 3
January 2009
7 of 16
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRSDO
143
2970
Mb/s
Input Voltage Swing
ΔV
SDI
TA =25°C, differential,
270Mb/s and 1.485Gb/s
720
800
950
mVp-p
1
TA =25°C, differential,
2.97Gb/s
720
800
880
mVp-p
1
Output Voltage Swing
ΔV
SDO
100Ω load, TA =25°C,
differential
600
750
1050
mVp-p
Output Jitter of Various
Cable Lengths and Data
Rates
270Mb/s
Belden 1694A: 0-300m
––
0.2
UI
2,5
270Mb/s
Belden 1694A: 300-350m
0.2
UI
4,5
1.485Gb/s
Belden 1694A: 0-140m
0.25
UI
2,5
1.485Gb/s
Belden 1694A: 140-200m
0.3
UI
4,5
–2.97Gb/s
Belden 1694A: 0-70m
––
0.3
UI
2,5
–2.97Gb/s
Belden 1694A: 70-120m
0.3
UI
4,5
Output Rise/Fall time
20% - 80%
40
80
220
ps
Mismatch in rise/fall time
30
ps
Duty cycle distortion
30
ps
Overshoot
10
%
Input Return Loss
15
21
dB
3
Input Resistance
single ended
1.52
Input Capacitance
single ended
1
pF
Output Resistance
single ended
50
Ω
NOTES:
1. 0m cable length.
2. All parts were production tested. In order to guarantee jitter over the full range of specification (VCC = 3.3V ±5%, TA = 0°C to 70°C, and
720-880mV launch swing from the SDI cable driver) the recommended applications circuit must be used.
3. Tested on CB2974A board from 5MHz to 3GHz.
4. Based on characterization data using the recommended applications circuit, at VCC = 3.3V, TA = 25°C and 800mV launch swing from the SDI
cable driver
5. Equalizer Pathological test signal was used.


유사한 부품 번호 - GS2974ACTE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2974ACTE3 SEMTECH-GS2974ACTE3 Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
More results

유사한 설명 - GS2974ACTE3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com