전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9024 데이터시트(PDF) 3 Page - Gennum Corporation

부품명 GS9024
상세설명  Automatic Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024 데이터시트(HTML) 3 Page - Gennum Corporation

  GS9024_05 Datasheet HTML 1Page - Gennum Corporation GS9024_05 Datasheet HTML 2Page - Gennum Corporation GS9024_05 Datasheet HTML 3Page - Gennum Corporation GS9024_05 Datasheet HTML 4Page - Gennum Corporation GS9024_05 Datasheet HTML 5Page - Gennum Corporation GS9024_05 Datasheet HTML 6Page - Gennum Corporation GS9024_05 Datasheet HTML 7Page - Gennum Corporation GS9024_05 Datasheet HTML 8Page - Gennum Corporation GS9024_05 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
3 of 16
1. Electrical Characteristics
1.1 DC Electrical Characteristics
Table 1-1: Absolute Maximum Ratings
Parameter
Value
Supply Voltage
5.5V
Input Voltage Range (any input)
VCC +0.5 to VEE -0.5V
Operating Temperature Range
0°C
≤ TA ≤ 70°C
Storage Temperature Range
-65°C
≤ TS ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
Table 1-2: DC Electrical Characteristics
VCC = 5V, VEE = 0V, TA = 0°C TO 70°C unless otherwise shown.
Parameter
Symbol
Conditions
Min
Typ1
Max
Units
Notes
Test Level
Supply Voltage
VCC
4.75
5.0
5.25
V
Power Consumption
PD
240
mW
3
with OEM active
340
mW
3
Supply Current
ΙS
––
44
mA
1
with OEM active
58
mA
1
Serial Data O/P Current
ΙSDO
RL = 75Ω
–11
mA
3
SDI/SDI Common
Mode Voltage
––
2.5
V
1
AGC+/AGC- Mode
Voltage
––
2.7
V
1
OEM Bias Potential
4.5
V
1
SSI/CD Output Current
ΙSOURCE
CLMAX = 50pF RL =
––18
µA
CLMAX = 50pF RL = 5kΩ
––
110
µA
I
SINK
––
1.0
1.5
mA
High Z Input Voltage
VHIGH
–2.4
V
1
VLOW
––
0.8
V
1
TEST LEVELS
1. 100% tested at 25°C.
2. Guaranteed by design.
3. Inferred or co-related value.
NOTES
1. Typical values are parametric norms at 25°C.


유사한 부품 번호 - GS9024_05

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024-CTB GENNUM-GS9024-CTB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
GS9024C-CKB GENNUM-GS9024C-CKB Datasheet
496Kb / 8P
   Automatic Cable Equalizer
GS9024C-CTB GENNUM-GS9024C-CTB Datasheet
496Kb / 8P
   Automatic Cable Equalizer
More results

유사한 설명 - GS9024_05

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com