전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9024C-CKB 데이터시트(PDF) 6 Page - Gennum Corporation

부품명 GS9024C-CKB
상세설명  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024C-CKB 데이터시트(HTML) 6 Page - Gennum Corporation

  GS9024C-CKB Datasheet HTML 1Page - Gennum Corporation GS9024C-CKB Datasheet HTML 2Page - Gennum Corporation GS9024C-CKB Datasheet HTML 3Page - Gennum Corporation GS9024C-CKB Datasheet HTML 4Page - Gennum Corporation GS9024C-CKB Datasheet HTML 5Page - Gennum Corporation GS9024C-CKB Datasheet HTML 6Page - Gennum Corporation GS9024C-CKB Datasheet HTML 7Page - Gennum Corporation GS9024C-CKB Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GENNUM CORPORATION
20581 - 0
6
Fig. 9 Output Data Waveform at 270Mb/s, 300m
DETAILED DESCRIPTION
DETAILED DESCRIPTION
DETAILED DESCRIPTION
DETAILED DESCRIPTION
The GS9024C Automatic Cable Equalizer is a bipolar
integrated circuit designed to equalize serial digital data
signals between 30Mbps and 360Mbps. Powered from a
single
+5V
or
-5V
supply,
the
device
consumes
approximately 240mW of power.
The serial data signal is connected to the input pins
(SDI/SDI) either differentially or single ended. The input
signal passes through a variable gain equalizing stage
whose frequency response closely matches the inverse
cable loss characteristic. In addition, the variation of the
frequency response with control voltage imitates the
variation of the inverse cable loss characteristic with cable
length. The gain stage provides up to 40dB of gain at
200MHz which will typically result in equalization of greater
than 350m at 270Mb/s of Belden 8281 cable.
The edge energy of the equalized signal is monitored by a
detector
circuit
which
produces
an
error
signal
corresponding to the difference between the desired edge
energy and the actual edge energy. This error signal is
integrated by an external differential AGC filter capacitor
(AGC+/AGC-) providing a steady control voltage for the
gain stage. As the frequency response of the gain stage is
automatically
varied
by
the
application
of
negative
feedback, the edge energy of the equalized signal is kept
at a constant level which is representative of the original
edge energy at the transmitter.
The equalized signal is DC restored, thereby restoring its
logic threshold to its corrective level regardless of shifts due
to AC coupling. The digital output signals have PECL
voltage levels (800mV) and are available at pins SDO and
SDO.
1. OUTPUT HIGH Z
A HIGH Z pin allows the data outputs to be put into a high
impedance state which disconnects them from the output
traces. This feature is ideal for input expansion in router
applications as it eliminates the need for input muxes or
crosspoints.
2. SIGNAL STRENGTH INDICATION/CARRIER DETECT
The GS9024C incorporates an analog signal strength
indicator/carrier detect output (SSI/CD) which indicates
both the presence of a carrier and the amount of
equalization applied to the signal. The voltage output of this
pin versus cable length (signal strength) is shown in
Figure 10. With 0m of cable (800mV input signal levels), the
SSI/CD output voltage is approximately 4.5V.
As
the
cable
length
increases,
the SSI/CD voltage
decreases linearly providing accurate correlation between
the SSI/CD voltage and cable length.
When the signal strength decreases to the level set at the
"Carrier Detect Threshold Adjust" pin, the SSI/CD voltage
goes to a logic "0" state (0.8V) and can be used to drive
other TTL/CMOS compatible logic inputs. In addition, when
loss of carrier is detected the SDO/SDO outputs are muted
(set to a known static state).
Fig. 10
3. CARRIER DETECT THRESHOLD ADJUST
The threshold level at which loss of carrier is detected is
adjustable via external resistors at the CD_ADJ pin. The
control voltage at the CD_ADJ pin is set by a simple resistor
divider circuit. The threshold level is adjustable from 200m
to 350m. By default (no external resistors), the threshold is
typically 320m. Connecting this pin to Ground disables the
SDO/SDO
muting
function
and
allows
for
maximum
possible cable length equalization.
This feature is designed for use in applications such as
routers where signal crosstalk and circuit noise cause the
equalizer to output erroneous data when no input signal is
present.
This
problem
is
not
solved
by
using
a
0
1
2
3
4
5
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
0
CD_ADJ
CONTROL RANGE


유사한 부품 번호 - GS9024C-CKB

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

유사한 설명 - GS9024C-CKB

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com