전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9025A 데이터시트(PDF) 6 Page - Gennum Corporation

부품명 GS9025A
상세설명  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025A 데이터시트(HTML) 6 Page - Gennum Corporation

Back Button GS9025A_05 Datasheet HTML 2Page - Gennum Corporation GS9025A_05 Datasheet HTML 3Page - Gennum Corporation GS9025A_05 Datasheet HTML 4Page - Gennum Corporation GS9025A_05 Datasheet HTML 5Page - Gennum Corporation GS9025A_05 Datasheet HTML 6Page - Gennum Corporation GS9025A_05 Datasheet HTML 7Page - Gennum Corporation GS9025A_05 Datasheet HTML 8Page - Gennum Corporation GS9025A_05 Datasheet HTML 9Page - Gennum Corporation GS9025A_05 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 05
6 of 18
28, 29
SCO/SCO
O
Serial clock output. SCO/SCO are differential current mode outputs and require
external 75
Ω pull-up resistors.
31, 32
SDO/SDO
O
Equalized and reclocked serial digital data outputs. SDO/SDO are differential current
mode outputs and require external 75
Ω pull-up resistors.
36
CLK_EN
I
Clock enable. When HIGH, the serial clock outputs are enabled.
38
COSC
I
Timing control capacitor for internal system clock.
39
LOCK
O
Lock indication. When HIGH, the GS9025A is locked. LOCK is an open collector output
and requires an external 10k
Ω pull-up resistor.
40
SSI/CD
O
Signal strength indicator/Carrier detect.
41
A/D
I
Analog/Digital select.
42
SMPTE
I
SMPTE/Other data rate select. TTL/CMOS compatible input.
43
OEM_TEST
O
Output ‘Eye’ monitor test. Single-ended current mode output that requires an external
50
Ω pull-up resistor. This feature is recommended for debugging purposes only. If
enabled during normal operation, the maximum operating temperature is rated to
60°C. For maximum cable length performance OEM_TEST must be disabled.
PIN DESCRIPTIONS (Continued)
NUMBER
SYMBOL
TYPE
DESCRIPTION


유사한 부품 번호 - GS9025A_05

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
192Kb / 18P
   Serial Digital Receiver
GS9025ACTM GENNUM-GS9025ACTM Datasheet
192Kb / 18P
   Serial Digital Receiver
More results

유사한 설명 - GS9025A_05

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com