전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9025ACQM 데이터시트(PDF) 10 Page - Gennum Corporation

부품명 GS9025ACQM
상세설명  Serial Digital Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9025ACQM 데이터시트(HTML) 10 Page - Gennum Corporation

Back Button GS9025ACQM Datasheet HTML 6Page - Gennum Corporation GS9025ACQM Datasheet HTML 7Page - Gennum Corporation GS9025ACQM Datasheet HTML 8Page - Gennum Corporation GS9025ACQM Datasheet HTML 9Page - Gennum Corporation GS9025ACQM Datasheet HTML 10Page - Gennum Corporation GS9025ACQM Datasheet HTML 11Page - Gennum Corporation GS9025ACQM Datasheet HTML 12Page - Gennum Corporation GS9025ACQM Datasheet HTML 13Page - Gennum Corporation GS9025ACQM Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
GENNUM CORPORATION
522 - 75 - 05
10 of 18
When the signal strength decreases to the level set at the
"Carrier Detect Threshold Adjust" pin, the SSI/CD voltage
goes to a logic "0" state (0.8 V) and can be used to drive
other TTL/CMOS compatible logic inputs. When loss of
carrier is detected, the SDO/SDO outputs are muted (set to
a known static state). Additional SSI/CD output source
current can be obtained in applications with a pull-up
resistor. An external 5k pull-up resistor with less than 50pF
capacitor loading is recommended.
1.2 Carrier Detect Threshold Adjust
Carrier Detect Threshold Adjust is designed for applications
such as routers where signal crosstalk and circuit noise
cause the equalizer to output erroneous data when no input
signal is present. The GS9025A solves this problem with a
user
adjustable
threshold
which
meets
the
unique
conditions that exist in each application. Override and
internal default settings are provided to give the user total
flexibility.
The threshold level at which loss of carrier is detected is
adjustable via external resistors at the CD_ADJ pin. The
control voltage at the CD_ADJ pin is set by a simple resistor
divider
circuit
(see
Typical
Application
Circuit).
The
threshold level is adjustable from 200m to 350m. By default
(no external resistors), the threshold is typically 320m. In
noisy environments, it is not recommended to leave this pin
floating. Connecting this pin to VEE disables the SDO/SDO
muting function and allows for maximum possible cable
length equalization.
1.3 Output Eye Monitor Test
The GS9025A provides an 'Output Eye Monitor Test'
(OEM_TEST) which allows the verification of signal integrity
after equalization, prior to reslicing. The OEM_TEST pin is
an open collector current output that requires an external
50
Ω pull-up resistor. When the pull-up resistor is not used,
the
OEM_TEST
block
is
disabled
and
the
internal
OEM_TEST circuit is powered down. The OEM_TEST
provides a typical 100mVp-p signal when driving a 50Ω
oscilloscope input. Due to additional power consumed by
this diagnostic circuit, it is not recommended for continuous
operation.
NOTE:
For
maximum
cable
length
performance
the
OEM_TEST block should be disabled.
2. RECLOCKER
The reclocker receives a differential serial data stream from
the internal multiplexer. It locks an internal clock to the
incoming data. It outputs the differential PECL retimed data
signal on SDO/SDO. It outputs the recovered clock on
SCO/SCO. The timing between the output and clock signals
is shown in Figure 17.
Fig. 17 Output and Clock Signal Timing
The reclocker contains four main functional blocks: the
Phase Locked Loop, Frequency Acquisition, Logic Circuit,
and Auto/Manual Data Rate Select.
2.1 Phase Locked Loop (PLL)
The Phase Locked Loop locks the internal PLL clock to the
incoming data rate. A simplified block diagram of the PLL is
shown below. The main components are the VCO, the
Phase Detector, the Charge Pump, and the Loop Filter.
Fig. 18 Simplified Block Diagram of the PLL
2.1.1 VCO
The VCO is a differential low phase noise, factory trimmed
design that provides increased immunity to PCB noise and
precise control of the VCO centre frequency. The VCO
operates between 30 and 540Mb/s and has a pull range of
±15% about the centre frequency. A single low impedance
external resistor, RVCO, sets the VCO centre frequency (see
Figure 19). The low impedance RVCO minimizes thermal
noise and reduces the PLL's sensitivity to PCB noise.
For a given RVCO value, the VCO can oscillate at one of two
frequencies. When SMPTE = SS0 = logic 1, the VCO centre
frequency corresponds to the ƒL curve. For all other
SMPTE/SS0 combinations, the VCO centre frequency
corresponds to the ƒH curve (ƒH is approximately 1.5 x ƒL).
SDO
SCO
50%
DDI/DDI
LF+
LFS
LF-
RVCO
VCO
DIVISION
RLF CLF1
CLF2
2
PHASE
DETECTOR
INTERNAL
PLL CLOCK
CHARGE
PUMP
LOOP
FILTER


유사한 부품 번호 - GS9025ACQM

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9025ACQM GENNUM-GS9025ACQM Datasheet
192Kb / 18P
   Serial Digital Receiver
More results

유사한 설명 - GS9025ACQM

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com