전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9068 데이터시트(PDF) 9 Page - Gennum Corporation

부품명 GS9068
상세설명  SD SDI Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068 데이터시트(HTML) 9 Page - Gennum Corporation

Back Button GS9068_10 Datasheet HTML 3Page - Gennum Corporation GS9068_10 Datasheet HTML 4Page - Gennum Corporation GS9068_10 Datasheet HTML 5Page - Gennum Corporation GS9068_10 Datasheet HTML 6Page - Gennum Corporation GS9068_10 Datasheet HTML 7Page - Gennum Corporation GS9068_10 Datasheet HTML 8Page - Gennum Corporation GS9068_10 Datasheet HTML 9Page - Gennum Corporation GS9068_10 Datasheet HTML 10Page - Gennum Corporation GS9068_10 Datasheet HTML 11Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GS9068 SD SDI Cable Driver
Data Sheet
22213 - 4
August 2010
9 of 11
4. Application Reference Design
4.1 PCB Layout
An FR-4 dielectric can be used, however, controlled-impedance transmission lines are required
for PCB traces longer than approximately 1cm. Note the following PCB artwork features used to
optimize performance:
• The PCB groundplane is removed under the GS9068 output components to minimize
parasitic capacitance
• The PCB ground plane is removed under the GS9068 RSET pin and resistor to minimize
parasitic capacitance
• Input and output BNC connectors are surface-mounted in-line to eliminate a
transmission line stub caused by a BNC mounting via high-speed traces, which are
curved to minimize impedance variations due to change of PCB trace width
4.2 Typical Application Circuit
Figure 4-1: Typical Application Circuit
5. References
Compliant with SMPTE 259M and SMPTE 344M.
GS9068
1
2
3
4
8
7
6
5
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
10n
75
5.6n*
4µ7
BNC
VCC
75
5.6n*
10n
75
4µ7
49.9
750
10n
49.9
4µ7
75
BNC
VCC
4µ7
VCC
*typical value, varies with layout
Differential
Data Input
NOTE: All resistors in Ohms, capacitors in Farads,
and inductors in Henrys, unless otherwise noted.


유사한 부품 번호 - GS9068_10

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9068-CKA GENNUM-GS9068-CKA Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CKAE3 GENNUM-GS9068-CKAE3 Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CTA GENNUM-GS9068-CTA Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068-CTAE3 GENNUM-GS9068-CTAE3 Datasheet
113Kb / 8P
   SD SDI Cable Driver
GS9068A GENNUM-GS9068A Datasheet
558Kb / 16P
   GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
More results

유사한 설명 - GS9068_10

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9068 GENNUM-GS9068 Datasheet
113Kb / 8P
   SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9077 GENNUM-GS9077 Datasheet
278Kb / 14P
   HD-LINX III SD-SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21202 MA-COM-M21202 Datasheet
102Kb / 2P
   SD-SDI Broadcast Video Co-axial Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
logo
National Semiconductor ...
LMH0303 NSC-LMH0303 Datasheet
292Kb / 14P
   3 Gbps HD/SD SDI Cable Driver with Cable Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com