전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9077CNE3 데이터시트(PDF) 1 Page - Gennum Corporation

부품명 GS9077CNE3
상세설명  HD-LINX III SD-SDI Cable Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9077CNE3 데이터시트(HTML) 1 Page - Gennum Corporation

  GS9077CNE3 Datasheet HTML 1Page - Gennum Corporation GS9077CNE3 Datasheet HTML 2Page - Gennum Corporation GS9077CNE3 Datasheet HTML 3Page - Gennum Corporation GS9077CNE3 Datasheet HTML 4Page - Gennum Corporation GS9077CNE3 Datasheet HTML 5Page - Gennum Corporation GS9077CNE3 Datasheet HTML 6Page - Gennum Corporation GS9077CNE3 Datasheet HTML 7Page - Gennum Corporation GS9077CNE3 Datasheet HTML 8Page - Gennum Corporation GS9077CNE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.gennum.com
GS9077 HD-LINX® III
SD-SDI Cable Driver
GS9077 Data Sheet
44619 - 0
May 2007
1 of 14
Features
SMPTE 344M and SMPTE 259M compliant
Dual coaxial cable driving outputs
Selectable power down mode
•50
Ω differential PECL input
Pb-free and RoHS compliant
Seamless interface to other HD-LINX® III family
products
Single 3.3V power supply operation
Operating temperature range: 0°C to 70°C
Applications
SMPTE 344M and SMPTE 259M Coaxial Cable
Serial Digital Interfaces.
Description
The GS9077 is a high-speed BiCMOS integrated circuit
designed to drive one or two 75
Ω co-axial cables.
The GS9077 may drive data rates up to 540Mb/s and
provides a disable pin that may be used to power down
the output stage.
The GS9077 accepts a LVPECL level differential input
that may be AC coupled. External biasing resistors at
the inputs are not required.
Power consumption is typically 168mW using a 3.3V
power supply. The GS9077 is Pb-free, and the
encapsulation compound does not contain halogenated
flame retardant.
This component and all homogeneous subcomponents
are RoHS compliant.
Functional Block Diagram
SDO
RSET
SDO
DDI
DDI
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE &
CONTROL
INPUT
DIFFERENTIAL
PAIR
DISABLE


유사한 부품 번호 - GS9077CNE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
logo
Semtech Corporation
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
GS9074ACNE3 GENNUM-GS9074ACNE3 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
More results

유사한 설명 - GS9077CNE3

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302 TI1-LMH0302 Datasheet
913Kb / 18P
[Old version datasheet]   3-Gbps HD/SD SDI Cable Driver
logo
Gennum Corporation
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
   3G/HD/SD-SDI Dual-Output Cable Driver
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com