전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3009 데이터시트(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

부품명 2SK3009
상세설명  VX-2 Series Power MOSFET(600V 8A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
홈페이지  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK3009 데이터시트(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SK3009 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK3009 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SHINDENGEN
2SK3009
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
(F8S60VX2)
600V 8A
Case : E-pack
VX-2 Series Power MOSFET
N-Channel Enhancement type
(Unit : mm)
Case : STO-220
Switching power supply of
AC 100-200V input
Inverter
Power Factor Control Circuit
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
Avalanche resistance guaranteed.
FEATURES
●Absolute Maximum Ratings (
Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(
DC)
ID
8
Continuous Drain Current(
Peak)
IDP
16
A
Continuous Source Current(
DC)
IS
8
Total Power Dissipation
PT
60
W
Single Pulse Avalanche Current
IAS
Tch = 25℃
8
A


유사한 부품 번호 - 2SK3009

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
2SK3009 VBSEMI-2SK3009 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
2SK3009B ISC-2SK3009B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3009LS ISC-2SK3009LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3009P ISC-2SK3009P Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3009

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
2SK2564 SHINDENGEN-2SK2564 Datasheet
443Kb / 12P
   VX-2 Series Power MOSFET(600V 8A)
2SK3012 SHINDENGEN-2SK3012 Datasheet
429Kb / 12P
   VX-2 Series Power MOSFET(600V 12A)
2SK3013 SHINDENGEN-2SK3013 Datasheet
431Kb / 12P
   VX-2 Series Power MOSFET(600V 16A)
F12F50VX2 SHINDENGEN-F12F50VX2 Datasheet
155Kb / 10P
   VX-2 SERIES POWER MOSFET
2SK2180 SHINDENGEN-2SK2180 Datasheet
274Kb / 6P
   VX-2 Series Power MOSFET(500V3A)
2SK2185 SHINDENGEN-2SK2185 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V5A)
2SK2563 SHINDENGEN-2SK2563 Datasheet
442Kb / 12P
   VX-2 Series Power MOSFET(600V4A)
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com