전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBHM180L-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBHM180L-HF
상세설명  Low VF SMD Schottky Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHM180L-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBHM180L-HF Datasheet HTML 1Page - Comchip Technology CDBHM180L-HF Datasheet HTML 2Page - Comchip Technology CDBHM180L-HF Datasheet HTML 3Page - Comchip Technology CDBHM180L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL005
RATING AND CHARACTERISTIC CURVES (CDBHM120L-HF Thru. CDBHM1100L-HF)
SMD Diodes Specialist
Comchip Technology CO., LTD.
Page 2
REV: A
Low VF SMD Schottky Bridge Rectifiers
Percent of Rated Peak Reverse Voltage, ( %)
Fig. 4 - Typical Reverse Characteristics
TJ=25 °C
TJ=75 °C
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig.2 - Maximum Forward Current Derating
Ambient Temperature, ( °C)
1.0
0.8
0.6
0.4
0.2
1
10
100
Fig. 1 - Maximum Non-Repetitive Forward
Surge Current Per Bridge Elelment
Number of Cycles at 60 Hz
TJ=125 °C
Fig. 3 - Typical Instantaneous Forward
Characteristics Per Bridge Element
Instantaneous Forward Voltage, (Volts)
0
0
20
40
60
80
100 120 140 160
0.4
0.8
1.2
1.6
CDBHM140L-HF
CDBHM120L-HF ~
CDBHM260L-HF
CDBHM1100L-HF
CDBHM180L-HF ~
pulse width =300 us
1% duty cycle
Per Bridge Element
0
CDBHM180L-HF~
CDBHM120L-HF ~
40
30
20
10
0
50
10
1.0
0.1
0.01
Curve
CDBHM1100L-HF
CDBHM160L-HF
COMCHIP


유사한 부품 번호 - CDBHM180L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBHM180L-HF COMCHIP-CDBHM180L-HF Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
More results

유사한 설명 - CDBHM180L-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBHM220L-HF COMCHIP-CDBHM220L-HF Datasheet
104Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHD220-G COMCHIP-CDBHD220-G Datasheet
112Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-G COMCHIP-CDBHM120L-G Datasheet
111Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM120L-HF COMCHIP-CDBHM120L-HF_12 Datasheet
87Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-G COMCHIP-CDBHM220L-G Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
CDBHM220L-HF COMCHIP-CDBHM220L-HF_12 Datasheet
129Kb / 4P
   Low VF SMD Schottky Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
Z4DGP406L-HF COMCHIP-Z4DGP406L-HF Datasheet
448Kb / 4P
   Low VF SMD Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G_12 Datasheet
159Kb / 4P
   Low VF Schottky Bridge Rectifiers
CDBHD120L-G COMCHIP-CDBHD120L-G Datasheet
275Kb / 2P
   Low VF Schottky Bridge Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com