전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM2485BRWZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM2485BRWZ
상세설명  High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM2485BRWZ 데이터시트(HTML) 4 Page - Analog Devices

  ADM2485BRWZ Datasheet HTML 1Page - Analog Devices ADM2485BRWZ Datasheet HTML 2Page - Analog Devices ADM2485BRWZ Datasheet HTML 3Page - Analog Devices ADM2485BRWZ Datasheet HTML 4Page - Analog Devices ADM2485BRWZ Datasheet HTML 5Page - Analog Devices ADM2485BRWZ Datasheet HTML 6Page - Analog Devices ADM2485BRWZ Datasheet HTML 7Page - Analog Devices ADM2485BRWZ Datasheet HTML 8Page - Analog Devices ADM2485BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM2485
Rev. A | Page 4 of 20
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY CURRENT
Logic Side
2.5
mA
RTS = 0 V, VDD1 = 5.5 V
2.3
mA
2.5 Mbps, VDD1 = 5.5 V, see Figure 23
5.0
6.5
mA
16 Mbps, VDD1 = 5.5 V, see Figure 23
1.26
mA
RTS = 0 V, VDD1 = 3.3 V
1.5
mA
2.5 Mbps, VDD1 = 3.3 V, see Figure 23
2.9
mA
16 Mbps, VDD1 = 3.3 V, see Figure 23
Bus Side
1.7
2.5
mA
RTS = 0 V
49.0
mA
2.5 Mbps, RTS = VDD1, see Figure 23 for
load conditions
55.0
75.0
mA
16 Mbps, RTS = VDD1, see Figure 23 for
load conditions
COMMON-MODE TRANSIENT IMMUNITY1
25
kV/μs
Transient magnitude = 800 V, VCM = 1 kV
HIGH FREQUENCY COMMON-MODE
NOISE IMMUNITY
100
mV
VHF = +5 V, −2 V < VTEST2 < +7 V,
1 MHz < fTEST < 50 MHz, see Figure 24
1 CM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.


유사한 부품 번호 - ADM2485BRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ AD-ADM2485BRWZ Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
ADM2485BRWZ-REEL AD-ADM2485BRWZ-REEL Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485BRWZ-REEL7 AD-ADM2485BRWZ-REEL7 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
More results

유사한 설명 - ADM2485BRWZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
   High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev.PrK
ADM2485 AD-ADM2485_V01 Datasheet
586Kb / 20P
   High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
Rev. A
logo
Texas Instruments
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com