전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

80-5212-312 데이터시트(PDF) 3 Page - Magnetrol International, Inc.

부품명 80-5212-312
상세설명  Kotron짰 RF Point Level Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

80-5212-312 데이터시트(HTML) 3 Page - Magnetrol International, Inc.

  80-5212-312 Datasheet HTML 1Page - Magnetrol International, Inc. 80-5212-312 Datasheet HTML 2Page - Magnetrol International, Inc. 80-5212-312 Datasheet HTML 3Page - Magnetrol International, Inc. 80-5212-312 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Supply voltage
120 VAC, 50–60 Hz (+10%, -15%)
240 VAC, 50–60 Hz (+10%, -15%)
24 VDC (±10%)
Power consumption
3 watts maximum
Zero range
0 pF minimum, 3000 pF maximum
Differential range
High range: 4 pF minimum
(wide differential)
1500 pF maximum
Low range:
2 pF minimum
500 pF maximum
Fixed minimum differential
0.5 pF minimum
(narrow differential)
Output relays (DPDT)
AC: 10 amp @ 120/240 VAC resistive
DC: 10 amp @ 24 VDC resistive
Time delay (narrow differential)
0–3 seconds
Response time
100 milliseconds
Ambient temperature
-40° to +160° F
at electronics
(-40° to +71° C)
Operating pressure/
Dependent upon probe selection;
temperature
refer to probe bulletin 50-125
Temperature coefficient of output
-40° to +160° F
+0.02 pF per degree F
(-40° to +71° C)
(+0.036 pF per degree C)
A G E N C Y
A P P R O V A L S
S P E C I F I C A T I O N S
D I M E N S I O N A L
S P E C I F I C A T I O N S
I N C H E S
( m m )
Standard Rigid Probe
Flexible Probe
Conduit Connection
Housing
AB
C
D
E
F
C
D
E
F
G
NEMA 4X
3.38
4.69
9.04
2.29
11.67
4.04
10.48
3.73
11.67
4.04
3
4" NPT
Carbon steel
(86)
(119)
(230)
(58)
(296)
(103)
(266)
(95)
(296)
(103)
single conduit
NEMA 4X/7/9
5.25
5.81
11.26
2.40
13.81
4.15
12.70
4.67
13.81
4.15
3
4" NPT
Aluminum
(133)
(148)
(286)
(61)
(351)
(105)
(323)
(119)
(3.51)
(105)
dual conduit
Optional
mounting
flange
.50 (13)
.625 (16)
C
A
D
Rotation
clearance
1
I.L.
B
G
2.95
(75)
.1875 (5)
.2500 (6)
7.42
(188)
3/4" NPT
Conduit
connection
Rotation clearance
2.63 (66)
2 Holes
.38 (10)
diameter
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.75
(95)
Rotation clearance
3.00 (76)
1/2" NPT (opt.)
3/4" NPT (std.)
Transducer/Amplifier
cable connection
Optional Anchor
Assembly
P/N 032-8814-001
4.87
(124)
1.25
(32)
5.50
(141)
.75
(19)
Optional
Weight
P/N 004-4355-001
Plugged
Optional
mounting
flange
G
B
A
E
F
Integral Mount with Rigid Probe
NEMA 4X housing, 3
4" NPT single conduit
Remote Mount with Flexible Probe
NEMA 4X/7/9 housing, 3
4" NPT dual conduit
AGENCY
MODEL
APPROVAL
FM
8X-80XX-3XX
Class
I
, Div. 1, Groups C & D
Class
II
, Div. 1, Groups E, F & G
Note: This approval available
with rigid insulated
probes only
All models
Non-hazardous environments:
NEMA 4X
CSA
8X-80XX-3XX
Class
I
, Groups C & D
Class
II
, Groups E, F & G
TYPE 4X
(This approval excludes use
with bare probes)
All models
Non-hazardous locations:
TYPE 4X
3


유사한 부품 번호 - 80-5212-312

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
More results

유사한 설명 - 80-5212-312

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
   Kotron짰 Model 811 RF Point Level Sensor
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
   Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
   Kotron짰 Model 811 RF Point Level Switch
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
   Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
   Kotron짰 Model 810 RF Point Level Switch
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
080-8032-302 MAGNETROL-080-8032-302 Datasheet
82Kb / 4P
   Kotron짰 Tip Sensitive RF Level Sensor
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
   Kotron짰 Model 805 Smart RF Level Transmitter
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
   Kotron짰 Model 82 CE RF Level Transmitter
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
   Kotron짰 Sentinel Model 804 RF Level Transmitter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com