전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL0401B 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPL0401B
상세설명  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401B 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPL0401B Datasheet HTML 7Page - Texas Instruments TPL0401B Datasheet HTML 8Page - Texas Instruments TPL0401B Datasheet HTML 9Page - Texas Instruments TPL0401B Datasheet HTML 10Page - Texas Instruments TPL0401B Datasheet HTML 11Page - Texas Instruments TPL0401B Datasheet HTML 12Page - Texas Instruments TPL0401B Datasheet HTML 13Page - Texas Instruments TPL0401B Datasheet HTML 14Page - Texas Instruments TPL0401B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DDR3 DIMM1
1.5 V
VREF1
_
+
1 kW
DPOT
TPL0401A/B
OP-AMP
LMV321
1 kW
TPL0401A
TPL0401B
www.ti.com
SLIS144
– SEPTEMBER 2011
TYPICAL APPLICATION
Figure 15. DDR3 Voltage Reference Adjustment
Below table shows Ideal values of resistance for a 10k
Ω DPOT. The absolute values can vary significantly, but
the ratio (Rhw/Rwl) is extremely accurate.
Table 1. Resistance Values Table
Step
Binary
Rwl (k
Ω)
Rhw (k
Ω)
Rhw/Rwl
0
0
0.00
10.00
0.00
1
1
0.08
9.92
0.01
2
10
0.16
9.84
0.02
3
11
0.23
9.77
0.02
4
100
0.31
9.69
0.03
5
101
0.39
9.61
0.04
6
110
0.47
9.53
0.05
7
111
0.55
9.45
0.06
8
1000
0.63
9.38
0.07
9
1001
0.70
9.30
0.08
10
1010
0.78
9.22
0.08
11
1011
0.86
9.14
0.09
12
1100
0.94
9.06
0.10
13
1101
1.02
8.98
0.11
14
1110
1.09
8.91
0.12
15
1111
1.17
8.83
0.13
16
10000
1.25
8.75
0.14
17
10001
1.33
8.67
0.15
18
10010
1.41
8.59
0.16
19
10011
1.48
8.52
0.17
20
10100
1.56
8.44
0.19
21
10101
1.64
8.36
0.20
22
10110
1.72
8.28
0.21
23
10111
1.80
8.20
0.22
24
11000
1.88
8.13
0.23
25
11001
1.95
8.05
0.24
26
11010
2.03
7.97
0.25
27
11011
2.11
7.89
0.27
28
11100
2.19
7.81
0.28
29
11101
2.27
7.73
0.29
30
11110
2.34
7.66
0.31
31
11111
2.42
7.58
0.32
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPL0401A TPL0401B


유사한 부품 번호 - TPL0401B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0401B TI1-TPL0401B Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI-TPL0401B Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B TI1-TPL0401B Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401B-10 TI1-TPL0401B-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

유사한 설명 - TPL0401B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com