전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24C16B 데이터시트(PDF) 10 Page - Ramtron International Corporation

부품명 FM24C16B
상세설명  16Kb Serial 5V F-RAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24C16B 데이터시트(HTML) 10 Page - Ramtron International Corporation

Back Button FM24C16B Datasheet HTML 4Page - Ramtron International Corporation FM24C16B Datasheet HTML 5Page - Ramtron International Corporation FM24C16B Datasheet HTML 6Page - Ramtron International Corporation FM24C16B Datasheet HTML 7Page - Ramtron International Corporation FM24C16B Datasheet HTML 8Page - Ramtron International Corporation FM24C16B Datasheet HTML 9Page - Ramtron International Corporation FM24C16B Datasheet HTML 10Page - Ramtron International Corporation FM24C16B Datasheet HTML 11Page - Ramtron International Corporation FM24C16B Datasheet HTML 12Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FM24C16B - 16Kb 5V I2C F-RAM
Rev. 1.3
July 2011
Page 10 of 12
AC Test Conditions
Equivalent AC Load Circuit
Input Pulse Levels
0.1 VDD to 0.9 VDD
Input rise and fall times
10 ns
Input and output timing levels
0.5 VDD
Diagram Notes
All start and stop timing parameters apply to both read and write cycles.
Clock specifications are identical for read and write cycles. Write timing
parameters apply to slave address, word address, and write data bits.
Functional relationships are illustrated in the relevant data sheet sections.
These diagrams illustrate the timing parameters only.
Read Bus Timing
t
SU:SDA
Start
t
R
t
F
Stop Start
t
BUF
t
HIGH
1/fSCL
t
LOW
t
SP
t
SP
Acknowledge
t
HD:DAT
t
SU:DAT
t
AA
t
DH
SCL
SDA
Write Bus Timing
t
SU:STO
Start
Stop Start
Acknowledge
t
AA
t
HD:DAT
t
HD:STA
t
SU:DAT
SCL
SDA
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years
5.5V
Output
1700
100 pF


유사한 부품 번호 - FM24C16B

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-G CYPRESS-FM24C16B-G Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B-GTR CYPRESS-FM24C16B-GTR Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

유사한 설명 - FM24C16B

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com