전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2-A000-030 데이터시트(PDF) 3 Page - Magnetrol International, Inc.

부품명 TA2-A000-030
상세설명  Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TA2-A000-030 데이터시트(HTML) 3 Page - Magnetrol International, Inc.

  TA2-A000-030 Datasheet HTML 1Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 2Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 3Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 4Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 5Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 6Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 7Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 8Page - Magnetrol International, Inc. TA2-A000-030 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
P R O B E
I N S T A L L A T I O N
Probes can be provided with a variety of process
connections, including threads, flanges, or installation
through a compression fitting. The sensor will fit
pipe sizes of 1
12" diameter or larger (2" minimum
size with thread connection).
The sensor is protected to prevent damage due to
“bottoming-out” if inserted too far into a pipe.
P U L S E
O U T P U T
The optional pulse output provides a pulse output
equivalent to user selected units and multiplier factor.
Both active (power from the TA2) or passive
(external power supply) connections are provided
to match the user’s interface. This output can
optionally be used as an alarm to indicate that the
flow rate is above or below the desired set point.
P O R T A B L E
D I S P L A Y
M O D U L E
A portable display module for configuration and
diagnosis of multiple units is available (part number
089-5219-002). This portable module plugs into the
electronics in the same manner as the normal display
and uses the same software menu. This module
permits the user to reduce installation cost by
having one display module with keypad for
multiple TA2 units.
Usage of the display module requires that the housing
cover be removed during use and thus may not be
useable in hazardous areas. In these cases, the
HART option should be utilized.
N A M U R
C O M P L I A N C E
Model TA2 output signal meets NAMUR NE43 rec-
ommendations for the 4–20 mA signal levels.
F A C T O R Y
C A L I B R A T I O N
A N D
C O N F I G U R A T I O N
Each TA2 is calibrated at the factory for the type of
gas and the specified flow rate. The instrument is
configured for the specific application information.
The result is an instrument which can be installed
and immediately be placed into operation without
field setup.
C A L I B R A T I O N
V E R I F I C A T I O N
MAGNETROL has developed a procedure to verify
the calibration of the TA2 in the field. Following
this procedure, the user can verify that the heat
transfer characteristics of the instrument have not
changed from first received. While the calibration is
a permanent calibration, the user can now check
the calibration without having to return the instru-
ment to the manufacturer. When using a HART
handheld or PACTware, the user is guided through
the procedure.
E L E C T R I C A L
W I R I N G
Elevated terminal strips with very visible markings
make wiring of the TA2 extremely easy.
A D D I T I O N A L
F E A T U R E S
c o n t i n u e d
3
Portable Display Module


유사한 부품 번호 - TA2-A000-030

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
More results

유사한 설명 - TA2-A000-030

제조업체부품명데이터시트상세설명
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Sensitron
ASF1430 SENSITRON-ASF1430 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Sensirion AG Switzerlan...
SFM3003-300-CET SENSIRION-SFM3003-300-CET Datasheet
1Mb / 16P
   Digital Mass Flow Meter
Version 1.0 April 2022
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16