전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25L04B-G 데이터시트(PDF) 4 Page - Ramtron International Corporation

부품명 FM25L04B-G
상세설명  4Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L04B-G 데이터시트(HTML) 4 Page - Ramtron International Corporation

  FM25L04B-G Datasheet HTML 1Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 2Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 3Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 4Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 5Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 6Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 7Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 8Page - Ramtron International Corporation FM25L04B-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25L04B - 4Kb 3V SPI F-RAM
Rev. 1.3
Feb. 2011
Page 4 of 14
SPI
Microcontroller
FM25L04B
SO
SI
SCK
CS
HOLD
FM25L04B
SO
SI SCK
CS
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. System Configuration with SPI port
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


유사한 부품 번호 - FM25L04B-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25L04B-G CYPRESS-FM25L04B-G Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GA CYPRESS-FM25L04B-GA Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GATR CYPRESS-FM25L04B-GATR Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM25L04B-GTR CYPRESS-FM25L04B-GTR Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
More results

유사한 설명 - FM25L04B-G

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
   4Kb Serial 3V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
   4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com