전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM31L278 데이터시트(PDF) 7 Page - Ramtron International Corporation

부품명 FM31L278
상세설명  3V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L278 데이터시트(HTML) 7 Page - Ramtron International Corporation

Back Button FM31L278_11 Datasheet HTML 3Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 4Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 5Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 6Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 7Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 8Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 9Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 10Page - Ramtron International Corporation FM31L278_11 Datasheet HTML 11Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
FM31L278/L276/L274/L272 - 3V I2C Companion
Rev. 2.1
Sept. 2011
Page 7 of 26
to be loaded into the timekeeper core. W is used for
writing new time values. Users should be certain not
to load invalid values, such as FFh, to the
timekeeping registers. Updates to the timekeeping
core occur continuously except when locked.
Backup Power
The real-time clock/calendar is intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When VDD is less 2.5V the RTC (and event counters)
will switch to the backup power supply on VBAK. The
clock operates at extremely low current in order to
maximize battery or capacitor life. However, one of
the advantages of combining a clock function with
the F-RAM memory is that data is not lost regardless
of the backup power source.
The IBAK current varies with temperature and voltage
(see DC parametric table). The following graph
shows IBAK as a function of VBAK. These curves are
useful for calculating backup time when a capacitor
is used as the VBAK source.
Figure 7. IBAK vs. VBAK Voltage
The minimum VBAK voltage varies linearly with
temperature. The user can expect the minimum VBAK
voltage to be 1.23V at +85°C and 1.90V at -40°C.
The tested limit is 1.55V at +25°C. The minimum
VBAK voltage has been characterized at -40°C and
+85°C but is not 100% tested.
Figure 8. VBAK (min.) vs. Temperature
Trickle Charger
To facilitate capacitor backup the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit, register 0Bh bit 2, is set to „1‟, the V
BAK pin
will source approximately 80 µA until VBAK reaches
VDD. This charges the capacitor to VDD without an
external diode and resistor charger. There is a Fast
Charge mode which is enabled by the FC bit (register
0Bh, bit 5). In this mode the trickle charger current is
set to approximately 1 mA, allowing a large backup
capacitor to charge more quickly.
In the case where no backup supply is used, the VBAK
pin should be tied to VSS. Be sure to turn off the
trickle charger (VBC=0), otherwise charger current
will be shunted to ground from VDD.
Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 Kseries
resistor as a safety element. The trickle charger is UL
Recognized.


유사한 부품 번호 - FM31L278_11

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31L278-G RAMTRON-FM31L278-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-G CYPRESS-FM31L278-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278-GTR RAMTRON-FM31L278-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278-GTR CYPRESS-FM31L278-GTR Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

유사한 설명 - FM31L278_11

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com