전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2-A000-031 데이터시트(PDF) 10 Page - Magnetrol International, Inc.

부품명 TA2-A000-031
상세설명  Thermal Dispersion Mass Flow Transmitter
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TA2-A000-031 데이터시트(HTML) 10 Page - Magnetrol International, Inc.

Back Button TA2-A000-031 Datasheet HTML 6Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 7Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 8Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 9Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 10Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 11Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 12Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 13Page - Magnetrol International, Inc. TA2-A000-031 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
10
54-631 Thermatel Model TA2 Transmitter
2.4.2 Ground Connection
The instrument must be grounded in accordance with
Article 250 of the National Electric Code.
2.4.3 4-20 mA Output
A 4-20 mA output (Analog Output 1) of the flow rate is
available at terminal block TB3. This output signal is
isolated from the instrument. An active or a passive con-
nection is available—see definition below.
For units with the optional second mA output (Analog
Output 2) this connection is available at terminal block
TB5; this output is isolated from the input power and
from the primary 4-20 mA loop and shares a common
with the pulse output. A passive connection is only avail-
able for this loop.
Active Connection—Use the active connection when
the TA2 is providing power for the 4-20 mA signal.
Use connections A- and A+ (see figure 8). The active
connection will drive a 1000-ohm loop resistance.
Passive Connection—Use the passive connection
when an external power supply or the control system
is used to power the 4-20 mA loop. Use connections
P- and P+ (see figure 8). The resistance is dependent
upon the customer-supplied power supply.
2.4.4 Pulse/Alarm Output
The optional pulse signal is isolated from the input power
and from the primary mA loop output. This signal shares a
common with the secondary mA output (Analog Output 2).
The pulse output is available with either an active or passive
connection.
Pulse/alarm output—Use the active connection when the
TA2 is providing power for the pulse/alarm output. Use
connections A- and A+ on TB4 (see figure 8).
Use the passive connection when an external power supply
is used to provide power to the pulse/alarm. Use connections
P- and P+ on TB4.
NOTE: Electrical specifications for pulse and alarm output are
specified below.
• Pulse Output:
••
Active: 24 VDC (±10%) power, 150 mA
••
Passive: 2.5 to 60 VDC power, 1.5 Amps
• Alarm Output:
••
Active: 24 VDC (±10%) power, 100 mA
••
Passive: 2.5 to 60 VDC power, 1 Amp.
POWER
LOOP2
OUTPUT
100-264 VAC
DC INPUT
+
-
P-
A+
P-
LOOP1/HART
OUTPUT
PULSE/
P+
P-
50/
60Hz
INPUT
AC
A-
P+
A-
P+ A+
ALARM
TB3
D6
TB4
TB2
TB5
R1
F1
TB1
Figure 9
Wiring Connections
Input Wiring Board


유사한 부품 번호 - TA2-A000-031

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
More results

유사한 설명 - TA2-A000-031

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Magnetrol International...
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
   Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
Omron Electronics LLC
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com