전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1179N 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 2SA1179N
상세설명  Low-Frequency General-Purpose Amp Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1179N 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  2SA1179N_06 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1179N_06 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1179N_06 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1179N_06 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SA1179N / 2SC2812N
No.7198-4/4
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
PS
IT04207
0.1
23
5 7 1.0
23
5 7
10
23
5 7 100
0.01
0.001
7
2
7
5
3
2
5
3
7
2
IT04208
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
5
3
0.1
DC
operation
ICP=0.3A
IC=0.15A
10
µs
Ta=25
°C
Mounted on a glass epoxy board (20!30!1.6mm)
For PNP, the minus sign is omitted.
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
This catalog provides information as of September, 2006. Specifications and information herein are subject
to change without notice.


유사한 부품 번호 - 2SA1179N_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SA1179N6-CPA-TB-E ONSEMI-2SA1179N6-CPA-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
2SA1179N6-TB-E ONSEMI-2SA1179N6-TB-E Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

유사한 설명 - 2SA1179N_06

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
   Low-Frequency General-Purpose Amp Applications????
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
FC117 SANYO-FC117 Datasheet
75Kb / 3P
   Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
   Low-Frequency General-Purpose Amp Applications
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
   Low-Frequency General-Purpose Amp Applications??????????
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
   Low-Frequency General-Purpose Amp Applications???
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
   Low-Frequency General-Purpose Amp Applications?
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com