전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM31T378 데이터시트(PDF) 1 Page - Ramtron International Corporation

부품명 FM31T378
상세설명  System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMTRON [Ramtron International Corporation]
홈페이지  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31T378 데이터시트(HTML) 1 Page - Ramtron International Corporation

  FM31T378 Datasheet HTML 1Page - Ramtron International Corporation FM31T378 Datasheet HTML 2Page - Ramtron International Corporation FM31T378 Datasheet HTML 3Page - Ramtron International Corporation FM31T378 Datasheet HTML 4Page - Ramtron International Corporation FM31T378 Datasheet HTML 5Page - Ramtron International Corporation FM31T378 Datasheet HTML 6Page - Ramtron International Corporation FM31T378 Datasheet HTML 7Page - Ramtron International Corporation FM31T378 Datasheet HTML 8Page - Ramtron International Corporation FM31T378 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.1
http://www.ramtron.com
Apr. 2011
Page 1 of 26
FM31T372/374/376/378
System Supervisor & Temperature Compensated RTC
(TCXO) with Embedded Crystal
Features
High Integration Device Replaces Multiple Parts
Real-time Clock (RTC)
o
Embedded 32.768kHz Crystal
o
Temperature Compensated
32.768 kHz Clock Output
Low-VDD Detection Drives Reset
Watchdog Timer
Early Power-Fail Warning/NMI
Two 16-bit Event Counters with Event Driven
Interrupt Output
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
4Kb, 16Kb, 64Kb, and 256Kb versions
Unlimited Read/Write Endurance
10 year Data Retention
NoDelay™ Writes
Real-time Clock/Calendar
Temp-Compensated Using On-Chip Sensor
o
 5 ppm over -40°C to +85°C
o
Accuracy  2 ½ min. per year
Backup Current 1.4 A (max.) at +25C
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
No External Crystal Required
Offset Register to Correct for Crystal Aging
Supports Battery or Capacitor Backup
Processor Companion
32.768 kHz Clock Output
Active-low Reset Output for VDD and Watchdog
Programmable VDD Reset Trip Point
Manual Reset Filtered and Debounced
Programmable Watchdog Timer
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
Event Counter Driven Interrupt Output
Comparator for Early Power-Fail Interrupt
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
Device Select Pins for up to 4 Memory Devices
RTC, Supervisor Controlled via 2-wire Interface
Easy to Use Configurations
Operates from 2.7 to 5.5V
Small Footprint 14-pin “Green” SOIC (-G)
Low Operating Current
-40C to +85C Operation
Description
The FM31T37x is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile F-RAM memory available in various
sizes, temperature-compensated real-time clock with
embedded
crystal,
32.768kHz
clock
output,
low-VDD reset, watchdog timer, battery backed
event counter, event driven interrupt output, lockable
64-bit
serial
number
area,
general
purpose
comparator that can be used for an early power-fail
(NMI) interrupt or other purpose, and 2-wire serial
interface to a host microcontroller. The family
operates from 2.7 to 5.5V.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses an
internal 32.768 kHz crystal which is factory-
calibrated for excellent timekeeping accuracy over
the industrial temperature range.
The FM31T37x devices integrate 4Kb, 16Kb, 64Kb,
and 256Kb of F-RAM memory. F-RAM offers
superior write speed and unlimited endurance. This
allows the memory to provide system data collection
and as read/write RAM storage. This memory is truly
nonvolatile rather than battery-backed.
The processor companion includes commonly needed
CPU
support
functions.
Supervisory
functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.


유사한 부품 번호 - FM31T378

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31T378 RAMTRON-FM31T378 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
More results

유사한 설명 - FM31T378

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NT7050BB NDK-NT7050BB Datasheet
573Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO)
5925A NDK-5925A Datasheet
78Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
STMicroelectronics
M41TC8025 STMICROELECTRONICS-M41TC8025 Datasheet
187Kb / 8P
   Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
NIHON DEMPA KOGYO
5921A NDK-5921A Datasheet
91Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
5936L NDK-5936L Datasheet
83Kb / 1P
   Temperature-Compensated Crystal Oscillator (TCXO)
logo
Epson Company
X1G0054410316XX EPSON-X1G0054410316XX Datasheet
519Kb / 8P
   Temperature Compensated Crystal Oscillator (TCXO)
TG-5001LA EPSON-TG-5001LA Datasheet
241Kb / 2P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR (VC-TCXO)
logo
Advanced XTAL Products
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
   UHF Temperature Compensated Crystal Oscillator (TCXO)
logo
Fox Electronics
FOX789A FOX-FOX789A Datasheet
215Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com