전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1417_0608 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 2SA1417_0608
상세설명  High-Voltage Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1417_0608 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  2SA1417_0608 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1417_0608 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1417_0608 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1417_0608 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1417_0608 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1417 / 2SC3647
No.2006-4/5
IT10757
0
0.2
0.4
0.5
0.6
0.8
1.8
1.6
1.4
1.5
1.2
1.0
0
20
80
100
60
40
160
140
120
2SA1417 / 2SC3647
ITR03554
--1.0
3
--10
5
7
5
7
3
2
0.01
3
0.1
5
7
7
5
2
3
1.0
5
5
7
2
3
2
7 --0.01
--0.1
57
3
2
--1.0
57
3
23
2
1.0
3
10
5
7
5
7
3
2
7 0.01
0.1
57
3
2
1.0
57
3
23
2
7
1.0
53
22
ITR03555
ITR03556
7
10
53
27 100
5
ICP=3A
IC=2A
1ms
10ms
100
ms
DC
operation
25
°C
Ta= --25
°C
75
°C
2SC3647
IC / IB=10
2SA1417
IC / IB=10
25
°C
Ta= --25
°C
75
°C
2
--0.01
--0.1
57
73
2
--1.0
57
32
3
2
0.01
0.1
57
73
2
1.0
57
32
3
--1000
--100
--10
2
3
5
7
2
3
5
7
ITR03552
100
10
2
3
5
7
1000
2
3
5
7
ITR03553
2SC3647
IC / IB=10
2SA1417
IC / IB=10
--25
°C
25°
C
Ta=75
°C
--25
°C
25°C
Tc=75°C
2SA1417 / 2SC3647
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
A S O
For PNP minus sign is omitted.
Ta=25
°C
Single pulse
Mounted on a ceramic board (250mm2!0.8mm)
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
Mounted
on
a
ceramic
board
(250mm
2!
0.8mm)
Ambient Temperature, Ta --
°C
Infinite
heat
sink


유사한 부품 번호 - 2SA1417_0608

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SA1417-R KEXIN-2SA1417-R Datasheet
1Mb / 3P
   PNP Transistors
2SA1417-S KEXIN-2SA1417-S Datasheet
1Mb / 3P
   PNP Transistors
2SA1417-T KEXIN-2SA1417-T Datasheet
1Mb / 3P
   PNP Transistors
logo
ON Semiconductor
2SA1417S-TD-E ONSEMI-2SA1417S-TD-E Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
2SA1417S-TD-E ONSEMI-2SA1417S-TD-E Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
More results

유사한 설명 - 2SA1417_0608

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com