전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD1-2D00-030 데이터시트(PDF) 7 Page - Magnetrol International, Inc.

부품명 TD1-2D00-030
상세설명  Thermal Dispersion Flow/Level Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1-2D00-030 데이터시트(HTML) 7 Page - Magnetrol International, Inc.

Back Button TD1-2D00-030 Datasheet HTML 3Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 4Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 5Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 6Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 7Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 8Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 9Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 10Page - Magnetrol International, Inc. TD1-2D00-030 Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
54-610 Thermatel Model TD1/TD2 Flow Level Switch
2.4.1 Relay Connections
TD1/TD2:
DPDT
8 amp at 120–250 VAC
8 amp at 30 VDC, 0.5 amp at 125 VDC resistive
TD2 with Hermetically sealed relay:
DPDT 1 amp at 28 VDC, 0.5 amp at 125 VDC resistive
The switch may be configured so that the relay either
energizes or de-energizes when the set point is reached.
Locating the fail-safe switch in the LL position places the
switch in a low level fail-safe (LLFS) position. This causes
the relay to energize when the flow rate is higher than the
set point or when the sensor is immersed. Locating the
fail-safe switch in the HL position places the switch in a
high level fail-safe (HLFS) position. This causes the relay to
energize when the flow rate is less than the set point or
when the sensor is dry. Refer to the following chart.
Power
Flow Level
Fail-Safe Position
Relay Coil
Relay Terminal
NC to CO
NO to CO
On
High
HLFS
De-energized
Closed
Open
LLFS
Energized
Open
Closed
On
Low
HLFS
Energized
Open
Closed
LLFS
De-energized
Closed
Open
Fail
High
HLFS
De-energized
Closed
Open
LLFS
De-energized
Closed
Open
Fail
Low
HLFS
De-energized
Closed
Open
LLFS
De-energized
Closed
Open
Chart Notes and Definitions
1. Equipment controlled by the Thermatel relay is assumed to be powered from one
source, while the Thermatel unit itself is assumed to be powered from a different
source.
2. “Fail” means a loss of power to the Thermatel unit.
3. HL means a flow rate or level which is above the adjusted set point.
4. LL means a flow rate or level which is less than the adjusted set point.
5. When the relay coil is de-energized, a connection is made between the terminals
CO (common) and NC (normally closed), and there is no connection between CO
and NO (normally open).
6. When the relay coil is energized, a connection is made between the terminals CO
and NO, and there is no connection between CO and NC.


유사한 부품 번호 - TD1-2D00-030

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
More results

유사한 설명 - TD1-2D00-030

제조업체부품명데이터시트상세설명
logo
Magnetrol International...
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
TD2-7D00-074 MAGNETROL-TD2-7D00-074 Datasheet
140Kb / 4P
   Hygienic Thermatel짰 Thermal Dispersion Flow & Level Switch
TA2-A000-031 MAGNETROL-TA2-A000-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
   ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Emcore Corporation
359C EMCORE-359C Datasheet
499Kb / 2P
   Dispersion Compensation Module
359B EMCORE-359B Datasheet
413Kb / 2P
   Zero Dispersion Modules
logo
Systemsensor advanced i...
ZONECHECK SYSTEMSENSOR-ZONECHECK Datasheet
122Kb / 4P
   Flow Switch Tester
logo
Greystone Energy System...
GLFS1 GREYSTONE-GLFS1 Datasheet
129Kb / 1P
   LIQUID FLOW SWITCH
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com