전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA782-V 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BA782-V
상세설명  Band Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA782-V 데이터시트(HTML) 1 Page - Vishay Siliconix

  BA782-V Datasheet HTML 1Page - Vishay Siliconix BA782-V Datasheet HTML 2Page - Vishay Siliconix BA782-V Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Band Switching Diodes
BA782-V, BA783-V
Vishay Semiconductors
Document Number: 85708
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.4, 05-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
MECHANICAL DATA
Case: SOD-123
Weight: approx. 10.3 mg
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• These diodes are also available in SOD-323
case with the type designations BA782S-V and
BA783S-V
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
DESCRIPTION
Silicon epitaxial planar diode switches
For electric bandswitching in radio and TV tuners in the
frequency range of (50 to 1000) MHz. The dynamic forward
resistance is constant and very small over a wide range of
frequency and forward current. The reverse capacitance is
also small and largely independent of the reverse voltage.
17431
PARTS TABLE
PART
ORDERING CODE
TYPE MARKING
REMARKS
BA782-V
BA782-V-GS18 or BA782-V-GS08
R2
Tape and reel
BA783-V
BA783-V-GS18 or BA783-V-GS08
R3
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Reverse voltage
VR
35
V
Forward continuous current
IF
100
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
IR
50
nA
Diode capacitance
f = 1 MHz, VR = 1 V
CD1
1.5
pF
f = 1 MHz, VR = 3 V
BA782-V
CD2
1.25
pF
BA783-V
CD2
1.2
pF
Dynamic forward resistance
f = (50 to 1000) MHz, IF = 3 mA
BA782-V
rf1
0.7
Ω
BA783-V
rf1
1.2
Ω
f = (50 to 1000) MHz, IF = 10 mA
BA782-V
rf2
0.5
Ω
BA783-V
rf2
0.9
Ω
Series inductance across case
LS
2.5
nH


유사한 부품 번호 - BA782-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BA782-G VISHAY-BA782-G Datasheet
77Kb / 3P
   Band Switching Diodes
Rev. 1.1, 14-May-14
More results

유사한 설명 - BA782-V

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
   Band Switching Diodes
Rev. 1.5, 16-Mar-06
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
   Band Switching Diodes
Rev. 1.6, 16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
   Band Switching Diodes
Rev. 1.6, 05-Aug-10
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
   Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
   Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
   Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
   Band Switching Diodes
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
   Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
   Band Switching Diodes
Rev. 1.7, 05-Dec-07
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com