전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2078 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2SC2078
상세설명  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2078 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC2078 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2078 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC2078
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC=0.1mA; IB= 0
80
V
V(BR)CER
Collector-Emitter Breakdown Voltage
IC=0.1mA; RBE=150Ω
75
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=0.1mA; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=1A; IB= 0.1A
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=1A; IB= 0.1A
1.2
V
ICBO
Collector Cutoff Current
VCB= 40V ; IE= 0
10
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
10
μA
hFE
DC Current Gain
IC= 500mA ; VCE= 5V
25
200
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
45
60
pF
fT
Current-Gain—Bandwidth Product
IC= 500mA; VCE= 10V
100
MHz
PO
Output Power
4.0
W
η
Power Efficiency
VCC= 12V;Pin=0.2W, f=27MHz
60
%
hFE Classifications
B
C
D
E
25-50
40-80
60-120
100-200
isc Website:www.iscsemi.cn
2


유사한 부품 번호 - 2SC2078

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC2078 SANYO-2SC2078 Datasheet
86Kb / 3P
   27MHz RF Power Amp Applications
logo
Savantic, Inc.
2SC2078 SAVANTIC-2SC2078 Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
Tiger Electronic Co.,Lt...
2SC2078 TGS-2SC2078 Datasheet
63Kb / 1P
   27MHz RF Power Amplifier Applications
logo
Savantic, Inc.
2SC2078 SAVANTIC-2SC2078 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2078 ISC-2SC2078 Datasheet
308Kb / 2P
   isc Silicon NPN Power Transistor
More results

유사한 설명 - 2SC2078

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com