전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L78LR05 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 L78LR05
상세설명  150mA, 5V 5-Pin Voltage Regulator with Reset Function
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L78LR05 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  L78LR05_09 Datasheet HTML 1Page - Sanyo Semicon Device L78LR05_09 Datasheet HTML 2Page - Sanyo Semicon Device L78LR05_09 Datasheet HTML 3Page - Sanyo Semicon Device L78LR05_09 Datasheet HTML 4Page - Sanyo Semicon Device L78LR05_09 Datasheet HTML 5Page - Sanyo Semicon Device L78LR05_09 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of December, 1999. Specifications and information herein are subject
to change without notice.
L78LR05
PS No.2622–6/6


유사한 부품 번호 - L78LR05_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
More results

유사한 설명 - L78LR05_09

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
   150mA, 5V 5-Pin Voltage Regulator with Reset Function
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Toshiba Semiconductor
TA8001S TOSHIBA-TA8001S Datasheet
232Kb / 7P
   5V VOLTAGE REGULATOR WITH RESET TIMER
TA8002S TOSHIBA-TA8002S Datasheet
253Kb / 7P
   5V VOLTAGE REGULATOR WITH RESET TIMER
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
   5 V, 1 A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com