전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1193M 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 LA1193M
상세설명  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193M 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  LA1193M_08 Datasheet HTML 1Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 2Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 3Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 4Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 5Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 6Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 7Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 8Page - Sanyo Semicon Device LA1193M_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LA1193M, 1193V
No.4715-4/22
Application Circuit Example : USA and Europe
Application Circuit Example : Japan
20
1
19
2
18
3
17
4
16
5
15
6
14
7
13
8
12
9
11
10
KEYED
AGC
IF
BUFF
VCL
SMETER
FM IF
SFE-10.7MS3A10-A
VCC
VCC
OSC
BUFF
MIX
LD
ANT D
150
20k
510
100k
24
30k
30k
62pF
22pF
10pF
15pF
220
100k
SVC203
3SK263
1SV234
SVC203
SVC203
4pF
5pF
5pF
16pF
10pF
100pF
1000pF
1000pF
10pF
6pF
47pF
PLL
SFE-10.7MS3A10-A
SUMIDA
2136-023
SUMIDA
SA-125
SUMIDA
SA-129
SUMIDA
SA-123
Only the secondary
side is used.
The primary side is
left open.
ANT
IF GND
IF VCC
MIX OUT(2)
MIX OUT(1)
ANT
D
W-AGC
IN
OSC
VCC
OSC
E
OSC
GND
OSC
BUFF
OSC
B
0.022
µF
0.022
µF
0.022
µF
0.022
µF
1
µF
+
VCC
VCC
VCC
VT
VT
VT
IN
(2)
IN
(1)
MIX
MIX


유사한 부품 번호 - LA1193M_08

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results

유사한 설명 - LA1193M_08

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com